Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1041 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1041 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1045Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-81
31.12 The UTOPIA Interface
The ATM controller interfaces with a PHY device through the UTOPIA interface. The MPC8280 supports
UTOPIA level 2 for both master and slave modes.
31.12.1 UTOPIA Interface Master Mode
Cell transfer on an ATM device (with single or multiple PHYs) uses cell-level handshaking as defined in
the UTOPIA standards. The FCC does not pause cell transmission by the PHY and does not stop receiving
cells from the PHY.
UTOPIA master signals are shown in Figure 31-57.
Figure 31-57. UTOPIA Master Mode Signals
Table 31-43. Interrupt Queue Parameter Table
Offset 1
1 Offset from INTT_BASE+RCT/TCT[INTQ] × 16
Name
Width
Description
0x00
INTQ_BASE
Word
Base address of the interrupt queue. User-defined.
0x04
INTQ_PTR
Word
Pointer to interrupt queue entry. Initialize to INTQ_BASE.
0x08
INT_CNT
Half
Word
Interrupt counter. Initialize with INT_ICNT. The CP decrements INT_CNT for each
interrupt. When INT_CNT reaches zero, the queue’s global interrupt flag
FCCE[GINT
x] is set.
0x0A
INT_ICNT
Half
Word
Interrupt initial count. User-defined global interrupt threshold—the number of
interrupts required before the CP issues a global interrupt (FCCE[GINT
x]).
0x0C
INTQ_ENTRY
Word
Interrupt queue entry. Must be initialized to the entry pointed to by INTQ_PTR,
which is initially the first empty entry of the queue. Note that after an overrun
occurs, this entry must be reset to the entry pointed to by INTQ_PTR to reenable
interrupt processing.
TXDATA[15–0]/[7–0]
TxSOC
TXENB
TXPRTY
TXCLK
TXCLAV[3–0]/TxClav
TXADD[4–0]
MPC8280
RXDATA[15–0]/[7–0]
RXSOC
RXENB
RXPRTY
RXCLK
RXCLAV[3–0]/RxClav
RXADD[4–0]
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com