Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1050 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1050 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1050 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-90
Freescale Semiconductor
Table 31-49 describes COMM_INFO fields.
31.15 Transmission Rate Modes—External, Internal, and Expanded
Internal
The ATM controller supports the following three rate modes:
•
External rate mode—The total transmission rate is determined by the PHY transmission rate. The
FCC sends cells to keep the PHY FIFOs full; the FCC inserts idle/unassign cells to maintain the
transmission rate.
•
Internal rate mode—The total transmission rate is determined by the FCC internal rate timers. In
this mode, the FCC does not insert idle/unassign cells. The internal rate mechanism is supported
for the first four PHY devices (PHY address 0-3). Each PHY has its own FTIRR, described in
Section 31.15.1.1, “FCC Transmit Internal Rate Register (FTIRRx).” The FTIRR includes the
initial value of the internal rate timer. A cell transmit request is sent when an internal rate timer
expires. When using internal rate mode, the user assigns one of the baud-rate generators (BRGs)
to clock the four internal rate timers.
•
Internal rate expanded mode—The total transmission rate is determined by the FCC internal rate
timers and by the assignment of rate per PHY. In this mode, the FCC does not insert idle/unassign
cells. The internal rate expanded mode differs from the internal rate mode in that the internal rate
mechanism is extended for 31 PHY devices (PHY addresses 0-30) and there cannot be a mix of
external and internal rate PHYs. Expanded internal rate is configured by registers GFEMRx,
FIRPERx, FIRSRx_HI, FIRSRx_LO, and by FTIRRx. Another feature of internal rate expanded
mode is an indication of transmit underrun error status per PHY. When using internal rate expanded
mode, the user assigns one of the baud-rate generators (BRGs) to clock the four internal rate timers,
and any timer can trigger any PHY.
Table 31-49. COMM_INFO Field Descriptions
Offset
Bits
Name
Description
0x86
0–4
—
Reserved, should be cleared.
5
CTB
Connection tables bus. Used for external channels only
0 External connection tables reside on the 60x bus.
1 External connection tables reside on the local bus.
6–10
PHY#
PHY number. In single PHY mode this field should be cleared In multiple PHY mode this
field is an index to the APC parameter table associated with this channel.
11–12
ACT
ATM channel type
00 Other channel
01 VBR channel
1x Reserved
13-15
PRI
APC priority level.
000 Highest priority (APC_LEVEL1)
111 Lowest priority (APC_LEVEL8).
0x88
0-15
CC
Channel code. The channel code associated with the current channel.
0x8A
0-15
BT
Burst tolerance. For use by VBR channels only (ACT field is 0b01). Specifies the initial
burst tolerance (GCRA burst credit) of the current VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com