Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1053 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1053 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1053 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-93
For the 155 Mbps PHY, the FTIRR divider should be programmed to zero (the BRG CLK is divided by
one); for the rest of the 10 Mbps PHYs, the FTIRR divider should be programmed to 14 (the BRG CLK
is divided by 15).
See also Section 31.17.1, “Using Transmit Internal Rate Mode.”
31.15.1.3 Internal Rate Programming Model
The programming sequence in TIREM = 0 mode is as follows:
1. Clear GFEMRx[TIREM]
2. Program FTIRRx
The programming sequence in TIREM = 1 mode is as follows:
1. Clear FTIRRx[TRM]
2. Set GFEMRx[TIREM]
3. Program FIRSRx_HI and FIRSRx_LO
4. Program FTIRRx
5. Program FIRPERx
If FTIRRx are set to generate same order of magnitude rates, setting round robin polling mode is more
adequate than fixed priority mode. To reduce the risk of transmit underrun if there are a few PHYs with
high internal rate and a number of PHYs with a low internal rate, the fast PHYs should be assigned
consecutive addresses starting at 0 and fixed priority mode should be chosen.
31.15.1.4 FCC Transmit Internal Rate Port Enable Registers (FIRPERx)
This register enables internal rate transmission for PHYs[0-30]. It is valid only if GFEMR[TIREM] = 1.
If a PHY is not enabled in FIRPER, all TxClav indications from that PHY will be masked. The user should
configure FIRPER according to the PHY addresses which are being used on the UTOPIA bus and should
not enable PHYs with addresses larger then the last PHY address set by FPSMR[Last PHY]. PHYs can be
enabled or disabled at any time—for example, if a TIRU event has occurred.
66MHz
53
8
×
()
×
()
155.52Mbps
--------------------------------------------------
181
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com