Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1055 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1055 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1055 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-95
Table 31-52 describes FIRERx fields.
31.15.1.6 FCC Internal Rate Selection Registers (FIRSR
x_HI, FIRSRx_LO)
If TIREM = 1, each PHY can be assigned one of four rates, as configured by the four FCC transmit internal
rate timers. The FCC internal rate selection registers (FIRSRx_HI, FIRSRx_LO), shown in Figure 31-66
and Figure 31-67, assign rate group to each of the PHYs.
012
3456
789
10
11
12
13
14
15
Field TIRU
0
TIRU
1
TIRU
2
TIRU
3
TIRU
4
TIRU
5
TIRU
6
TIRU
7
TIRU
8
TIRU
9
TIRU
10
TIRU
11
TIRU
12
TIRU
13
TIRU
14
TIRU
15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11384 (FIRER1), 0x113A4 (FIRER2)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field TIRU
16
TIRU
17
TIRU
18
TIRU
19
TIRU
20
TIRU
21
TIRU
22
TIRU
23
TIRU
24
TIRU
25
TIRU
26
TIRU
27
TIRU
28
TIRU
29
TIRU
30
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11386 (FIRER1), 0x113A6 (FIRER2)
Figure 31-65. FCC Internal Rate Event Register (FIRER
x)
Table 31-52. FIRER
x Field Descriptions (TIREM=1)
Bit
Name
Description
0–30
TIRUy
Transmit internal rate underrun
0 There is no transmission underrun for this PHY.
1 Transmit internal rate underrun or PHY address y has occurred. Bit is cleared by writing 1 to it.
Writing 0 has no effect on value.
31
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com