Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1058 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1058 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-98
Freescale Semiconductor
Figure 31-69. AAL1 CES SRTS Clock Recovery Using External Logic
On every eighth cell, the MPC8280 writes a new SRTS code to the external logic using the bus selected in
RCT[BIB]. The CP writes the SRTS code using a DMA write cycle of 1-byte data size. Each AAL1 CES
channel can be programmed to select one of 16 addresses available for writing the SRTS result. The SRTS
code is written to the least-significant nibble of that address (SRTS[0]=lsb, SRTS[3]=msb). The SRTS is
synchronized with the sequence count cycle—SRTS[3] is read from the cell with SN = 1 and SRTS[0] is
read from the cell with SN = 7. The SRTS PLL makes periodic clock adjustments based on the difference
between a locally generated SRTS and a remotely generated SRTS retrieved every eight received cells.
31.17 Configuring the ATM Controller for Maximum CPM Performance
The following sections recommend ATM controller configurations to maximize CPM performance.
31.17.1 Using Transmit Internal Rate Mode
When the total transmit rate is less than the PHY rate, use the transmit internal rate mode and configure
the internal rate clock to the maximum bit rate required. (See 31.2.1.5, “Transmit External Rate and
Internal Rate Modes.”) The PHY then automatically fills the unused bandwidth with idle cells, not the
ATM controller. If the internal rate mode is not used, CPM performance is consumed generating the idle
cell payload and using the scheduling algorithm to fill the unused bandwidth at the higher PHY rate.
For example, suppose a system uses a 155.52-Mbps OC-3 device as PHY0, but the maximum required data
rate is only 100 Mbps. In transmit internal rate mode, the user can configure the internal rate mechanism
to clock the ATM transmitter at a cell rate of 100 Mbps. If the system clock is 133 MHz, program a BRG
to divide the system clock by 563 to generate a transmit cell request every 563 CPM clocks:
p = 4 bit
1/64
155.52 MHz
2.43 MHz (E1/T1)
Latch
fs
Counter
divided by N
(N=3008 bits = 8 SAR PDU)
SRTS
External SRTS Logic
SRTS Diff
+
-
VCO
SN=1
SN=3
SN=5
SN=7
DMA writes new SRTS code
Latch
counter
133MHz
53
8
×
()
×
()
100Mbps
-----------------------------------------------------
563
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com