Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1061 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1061 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1061 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-1
Chapter 32
ATM AAL1 Circuit Emulation Service
NOTE
The functionality described in this chapter is not available on the MPC8270.
Refer to www.freescale.com for the latest RAM microcode packages that
support enhancements.
This chapter describes implementation of circuit emulation service (CES) using ATM adaptation layer
type 1 (AAL1) on the MPC8280 and should be used as a supplement to Chapter 31, “ATM Controller and
AAL0, AAL1, and AAL5.”
32.1
Features
The AAL1 CES features on the MPC8280 are as follows:
•
AAL1
— Reassembly
– Reassembles PDU directly to external memory
– Supports partially filled cells (configurable on a per-VC basis)
– Sequence number (SN) protection (CRC-3 and parity) check
– Implements a 3-step SN algorithm
– Detects and handles lost or misinserted cell
– Maintains bit count integrity (dummy cell insertion)
– Dummy cell contents can be programmed by the user (per FCC)
– Pointer verification in structured AAL1 cell format
– Automatic synchronization using the structured pointer during reassembly
– SRTS (synchronous residual time stamp) gathering on every cycle (8 cells) in unstructured
AAL1
– Statistics gathering on a per-VC basis:
– AAL1 valid cell count
– AAL1 lost cell count
– AAL1 misinserted cell count
– AAL1 pointer mismatch/parity error
– AAL1 Rx buffer pre-overflow
— Segmentation
– Segment PDU directly from external memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com