Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1064 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1064 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1064 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-4
Freescale Semiconductor
Section 32.4.6, “Channel Associated Signaling (CAS) Support.” The signaling information that resides in
the internal RAM is inserted into the AAL1 cell according to the af-vtoa-0078 specification.
The AAL1 structure is divided into two sections. The first section carries the Nx64 payload, and the second
carries the signaling bits that are associated with the payload.
The MPC8280 supports two framing modes: one for Nx64 DS1 ESF (extended superframe) framing, and
the other for Nx64 E1 G.704 framing. See Figure 32-3. Each of the internal signaling blocks can be used
to deliver only one of the framing formats; that is, they cannot be changed dynamically.
Figure 32-3. AAL1 Framing Formats
32.3
AAL1 CES Receiver Overview
The ATM controller supports both AAL1 structured and unstructured formats. For the unstructured format,
47 octets are copied to the current receive buffer and for the structured format, 46 (P format) or 47 (non-P
format) octets are copied to the current receive buffer.
The AAL1 PDU header, which consists of the sequence number (SN) and the sequence number protection
(SNP) (CRC-3 and parity bit), is checked and the result is delivered to the 3-step-SN algorithm. The
3-step-SN algorithm (see Section 32.6.1, “The Three States of the Algorithm”) handles the lost or
misinserted cells. This algorithm can detect one lost or misinserted cell and maintain synchronization. If
more than one cell is lost or misinserted, the 3-step-SN algorithm switches to hunt mode where it stays
until a cell with a valid SN field is received. After the receiver switches to hunt mode, it closes the RxBD,
modifies the receive statistics, generates an optional interrupt to the CPU and performs a restart sequence.
The restart sequence is implemented only when the ATM channel works in CES mode (RCT[CESM]). In
CAS mode (RCT[CASM]), the ATM receiver channel begins the restart sequence by dropping all
incoming cells and advancing to the beginning of the next super frame, which is the first BD after the one
marked with EOSF (end of super frame). When this BD is ready and the adaptive counter reaches the
ATM_Start threshold, the receiver’s write pointer is not longer in danger of overrunning the read pointer
of the MCC transmitter; that is, it is safe to begin receiving cells again. The ATM receiver then begins the
resynchronization process: for unstructured AAL1 type the ATM receiver waits for the first valid cell, and
for structured AAL1 type the receiver waits for the first valid cell that contains a valid pointer. The first
ABCD
ABCD
AAL1 block T1 framing
•
•
•
24xNx64
N signaling
nibbles
ABCD
ABCD
AAL1 block E1 framing
•
•
•
16xNx64
N signaling
nibbles
Note: The CAS block size is (N+1) nibble if N is an odd number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com