Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1066 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1066 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1066 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-6
Freescale Semiconductor
Figure 32-4. AAL1 CES Receiver Data flow
32.4
Interworking Functions
The MPC8280 supports the interworking of ATM and TDM. The TDM data processing is done by the
MCC and the SI (refer to Chapter 29, “Multi-Channel Controllers (MCCs),” and Chapter 15, “Serial
Interface with Time-Slot Assigner,” for further information). The ATM controller processes the ATM data.
Data forwarding between the ATM controller and the MCC can be done in two ways:
•
Automatic data forwarding. This mode enables automatic data forwarding between AAL1 and
transparent mode over a TDM.
•
Core intervention. When an MCC receive buffer is full and its RxBD is closed, the MCC interrupts
the core. The core copies the MCC’s receive buffer pointer to an ATM TxBD and sets the ready bit
(TxBD[R]). Similarly, when an ATM receive buffer is full and its RxBD is closed, the core services
the ATM controller’s interrupt by copying the ATM receive buffer pointer to an MCC TxBD and
setting TxBD[R]. This mode is useful when additional core processing is required.
Possible interworking applications are as follows:
•
Circuit emulation service (CES)
•
Carrying voice over ATM
•
Multiplexing low speed services, such as voice and data, onto one ATM connection
32.4.1
Automatic Data Forwarding
The basic concept of automatic data forwarding is to program the ATM controller and the MCC to process
the same BD table (ring).
The MCC and ATM receivers must be programmed to operate in opposite E-bit polarity. That is, both
receivers receive into buffers in which RxBD[E] = 0 and then set RxBD[E] when the buffer is full. For the
Bit count integrity
User information
3-step SN algorithm
Drop cell
Pointer verification
Valid/dummy/drop
SN/SNP verification
Invalid SN
Process payload
Valid SN
Valid cell
Cell size
Tag cell
Unstructured
data format
AAL1 cell stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com