Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1070 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1070 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1074Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1070 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-10
Freescale Semiconductor
32.4.5
Trunk Condition
According to the Bellcore standard, the interworking function should be able to transmit special payloads
on both the ATM and TDM channels to signal alarm conditions (bellcore TR-NWT-000170). The trunk
condition can be generated under core control. The core may deliver buffers containing special data (trunk
condition payload) to the ATM controller or MCC or even overwrite data buffers being used by the
channels.
32.4.6
Channel Associated Signaling (CAS) Support
For applications requiring channel associated signaling (CAS) support, the CAS manipulation is done by
an external framer. The MCC should be programmed to receive or transmit the internal CAS block
transparently through the external framer’s serial interface. The internal CAS block (depicted in
Figure 32-8) can be adjusted to comply with a specific framer’s serial interface. (See Section 32.4.7.1,
“CAS Routing Table.”)
Figure 32-7. Mapping CAS Data on a Serial Interface
The MCC and ATM CAS are synchronized with the superframe block boundary. At the ATM side, the
structured block size should be set to the superframe block size plus the size of the CAS block so that the
structured pointer inserted by the ATM controller points to the start of the structured data block. At the
MCC side, the MCC is synchronized with the frame sync signal; the external framer has the ability to place
the signaling information at the appropriate place in a superframe. The MPC8280 supports an automatic
mode for forwarding the signaling information from the TDM to the ATM and vice versa. The ATM
controller maintains two CAS blocks per trunk (eight total). One contains the signaling information
unpacked from the AAL1 cells (ATM-to-TDM), and the other contains the signaling information fetched
from an external framer (TDM-to-ATM). All 8 CAS blocks reside in the internal RAM.
Framer serial interface for T1 signaling format
Ch 1
Ch 2
Ch 3
XXXX ABCD
XXXX ABCD
• • • • • • • •
• • • • • • • •
Framer serial interface for T1 signaling format (SF)
Ch 1
Ch 2
Ch 3
Ch 24
XXXX ABA’B’
XXXX ABA’B’
• • • • • • • •
• • • • • • • •
Framer serial interface for E1 signaling format
Ch 1
Ch 2
Ch 3
Ch 32
XXXX ABCD
XXXX ABCD
• • • • • • • •
• • • • • • • •
8-bits per channel
8-bits per channel
8-bits per channel
Note: The MCC should capture the signaling data on the last frame of a super frame.
See Section 1.4.7.2, “TDM-to-ATM CAS Support”.
Ch 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com