Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1073 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1073 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1077Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-13
Table 32-1 describes CAS routing table entry fields.
32.4.7.2
TDM-to-ATM CAS Support
During the segmentation process, the AAL1 CES transmitter reads the CAS data from the internal CAS
block and packs the data and the signaling information at the end of an AAL1 super frame (depicted in
Figure 32-3). All AAL1 functions operate normally (generating AAL1 PDU-headers, structured pointers,
etc.). Each common (MCC, ATM) BD table should point to buffers that can contain a whole number of
super frames. The last buffer of the super frame is marked as the end of a super frame (BD[EOSF]=1).
After closing a buffer with the EOSF indication, the ATM transmitter processes the CAS data—reads it
from the internal CAS block and inserts it into the cell payload at the transmit side. The EOSF indication
in the BD is statically set by the CPU when initializing the BD table.
Figure 32-12. CAS Flow TDM-to-ATM
The CAS block is automatically written to internal RAM by the MCC receiver using a separate TDM.
When a super frame is received the MCC should be triggered with a super-frame (multi-frame) SYNC
from the external framer. The incoming CAS block should be captured by the MCC only once for each
super frame (on the last frame).
Table 32-1. CAS Routing Table Entry Field Descriptions
Bits
Name
Description
0
W
Wrap bit. When set, this bit indicates the last circular table entry. During initialization, the host must clear
all W bits in the table except the last one, which must be set.
1
—
Reserved, should be cleared during initialization.
2
F/S
First/Second.
0 Indicates that the signaling information occupies the first nibble in the CAS block (LSB).
1 Indicates that the signaling information occupies the second nibble in the CAS block (MSB).
3–7
SOP
Signaling Offset Pointer. Offset of the signaling nibble from the internal CAS base address.
Note that in ESF mode the maximum offset is 23 and in E1 framing format the maximum offset is 31.
EOSF
EOSF
Buffer 1
Buffer 2
Buffer 3
Buffer 4
MCC
Rx
Data I/F
T1/E1 framer
MCC
Rx pointer
ATM
Tx pointer
ATM
Tx
UTOPIA
interface
BD table per VC
MCC
Rx
Incoming CAS block per trunk
(internal RAM)
Transmit
CAS routing
table
Super
frame
Super
frame
CAS serial I/F
T1/E1 framer
Shown in
Figure 1-10
Note: With CAS only 4 T1/E1 are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com