Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1075 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1075 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1077Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1079Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1075 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-15
the external framer. Each byte in the CAS block contains one nibble of valid CAS information (depicted
in Figure 32-8).
Note that the buffer data size should not include the CAS octets.
32.4.7.3.1
CAS Updates Using the Core (Optional)
To avoid using another TDM dedicated to CAS information, the user can use a parallel interface controlled
by the core to deliver the outgoing CAS block to the framer. In this case, the ATM receiver should be
programmed to operate in core CAS modify mode RCT[CCASM=1] (and RCT[CASM=1]). In this mode,
the CP adds an entry to the ATM interrupt queue and sets the appropriate sticky bit in OCASSR each time
an AAL1 cell is received with new signaling information (one or more signaling nibble has changed). (See
Section 32.10, “Outgoing CAS Status Register (OCASSR).”) A core interrupt service routine can then
write the updated outgoing CAS block to the framer.
Note to avoid additional latency, the interrupt queue assigned to this connection should have a global
interrupt threshold of one. See the INT_ICNT parameter discussed in Section 31.11.3, “Interrupt Queue
Parameter Tables.”
32.5
ATM-to-TDM Adaptive Slip Control
Two types of slip can occur in ATM-to-TDM operation: overrun and underrun. The two cases are handled
by the MCC and ATM controller automatically without requiring CPU intervention.
Overrun occurs when the MCC transmitter fetches data from the common BD table at a slower rate than
it is being filled by the ATM receiver. In this case, the ATM write pointer meets the MCC read pointer and
a BSY state is declared (an entry is added to the ATM interrupt table) on the ATM side.
Underrun occurs when the MCC transmitter fetches data from the common BD table at a higher rate than
it is being filled by the ATM receiver. In this case, the MCC read pointer reaches a BD that is not ready
and a buffer-not-ready state is declared on the MCC side.
In both slip cases, the MCC and ATM controller automatically recover and restart the ATM-to-TDM
interworking function.
In order to prevent overrun and underrun conditions, the MPC8280 maintains an adaptive slip control
using a set of 4 threshold pointers for each ATM-TDM (VC - super channel) connection.
The pre-underrun state (shown in Figure 32-14) occurs when the MCC read pointer goes faster than the
ATM write pointer. When the adaptive counter reaches the MCC_Stop threshold, the MCC read pointer
does not advance. At this point, the current BD (or the underrun template) is retransmitted a multiple of
the frame size. In the meantime, the ATM receiver continues to receive valid data and advance the ATM
write pointer. When the adaptive counter reaches the MCC_start threshold and the MCC has finished
sending a multiple of the frame size, the MCC starts to transmit the valid received data and advance the
MCC read pointer.
Note that when the pre-underrun state occurs, the MCC transmitter can transmit the last buffer
continuously or the underrun template. This is determined by the MCC channel configuration; see the
CHAMR[UTM] bit description in Section 29.3.2.3, “Channel Mode Register (CHAMR)—Transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com