Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1071 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1071 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1075Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1071 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-11
Figure 32-8. Internal CAS Block Formats
32.4.7
Mapping VC Signaling to CAS Blocks
Each ATM channel is connected to a specific CAS block. The ATM controller implements CAS routing
tables (CRT) to maintain the routing of the signaling information from the AAL1 cells to the internal CAS
blocks for receiving, and vice versa for transmitting. Each ATM channel is connected to one receive or
transmit routing table. A CRT resides in a 32-byte space with each entry pointing to one signaling nibble.
To allow maximum flexibility with external framers, the signaling nibble can occupy the first or second
nibble in the internal CAS block (depicted in Figure 32-8).
The CRT entries should be initialized only once before the ATM channel is enabled (receiver or
transmitter). The number of entries that should be initialized must be equal to the number of active slots
(channels) in the corresponding MCC super channel. Each super channel is mapped to a unique ATM
connection (VC). The CRT entries are in ascending order based on the channel slots assigned for the MCC
super channel (depicted in Figure 32-9).
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
XXXX
ABCD
•
•
•
0
XXXX
ABCD
ABCD
ABCD
1
31
E1 CAS block (32 bytes)
ABCD
•
•
•
0
ABCD
ABCD
ABCD
1
23
T1 – ESF CAS block (24 bytes)
ABA’B’
•
•
•
0
ABA’B’
ABA’B’
ABA’B’
1
23
T1 – SF CAS block (24 bytes)
XXXX
ABCD
ABCD
ABCD
12
CAS block resides in the internal RAM.
To allow maximum flexibility in working
with external framers, the signaling nibble
can occupy the first or second nibble in
the CAS entry.
•
•
•
•
•
•
•
•
•
•
•
•
CAS block per trunk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com