Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1067 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1067 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1067 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-7
ATM receiver, set RCT[INVE] of the AAL1 CES-specific areas of the receive connection table; see
Section 32.9.1, “Receive Connection Table (RCT).” For the MCC receiver, set CHAMR[EP].
32.4.1.1
ATM-to-TDM
When going from ATM to TDM (depicted in Figure 32-5), the ATM receiver reassembles data received
from a particular channel to a specific BD table. The MCC transmitter is programmed to operate on the
same table. When the ATM controller fills a receive buffer, the MCC controller sends it. The controllers
synchronize on the ATM controller’s RxBD[E] and the MCC’s TxBD[R].
A threshold mechanism for the MCC transmitter is used to synchronize the automatic start of the
ATM-to-TDM data forwarding. The transmitter waits until the start threshold is reached (enough cells are
received) before sending the valid data. In effect, the MCC start threshold mechanism implements a jitter
buffer designed to accommodate the CDV of the ATM network.
In a CES application, software should first initialize the MCC transmitter, then initialize the ATM receiver.
This way the MCC transmitter sends idle data (0xFF) until the ATM receiver fills enough buffers to reach
the MCC start threshold. (The receiver is effectively filling a jitter buffer.) When the
CES_Adaptive_Counter (CESAC) reaches the MCC_Start threshold, the MCC super channel polling
CESAC starts sending the received data with the first frame SYNC. (The first octet using the first BD is
sent on the first assigned time slot.) Section 32.5, “ATM-to-TDM Adaptive Slip Control,” shows the flow
of ATM-to-TDM interworking.
Figure 32-5. ATM-to-TDM Interworking
32.4.1.2
TDM-to-ATM
When going from TDM to ATM (depicted in Figure 32-6), the MCC receiver routes data from the TDM
line to a specific BD table. The ATM transmitter is programmed to operate on the same BD table. When
the MCC fills a receive buffer, the ATM controller sends it. The two controllers synchronize on the MCC’s
RxBD[E] and the ATM controller’s TxBD[R].
In a CES application, first initialize the ATM transmitter, then initialize the MCC receiver and set
CHAMR[EP].
BD 1
BD 2
BD 3
BD 4
BD 5
Buffer 1
Buffer 2
Buffer 3
Buffer 4
Buffer 5
MCC
Tx
TDM
interface
MCC
Tx pointer
ATM
Rx pointer
ATM
Rx
UTOPIA
interface
BD table
Note: The ATM Rx should be programmed to operate in
inverted polarity E (Empty) bit.
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com