Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1069 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1069 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1073Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1069 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-9
and CESAC reaches the ATM_Start threshold, the receiver’s write pointer is not longer in danger of
overrunning the read pointer of the MCC transmitter; that is, it is safe to begin receiving cells again. The
ATM receiver then begins the resynchronization process: for unstructured AAL1 type the ATM receiver
waits for the first valid cell, and for structured AAL1 type the receiver waits for the first valid cell that
contains a valid pointer. The first received octet becomes the first byte of the new BD (new super frame).
(Refer to Section 32.5, “ATM-to-TDM Adaptive Slip Control.”)
Note that when the ATM receiver is in hunt mode due to one of the following:
•
Sequence number protection error (SNPE)
•
Sequence count error (SCE)
•
Structured pointer error (SPE)
•
Slip condition
The signaling information (CAS) and SRTS information is not updated by the ATM controller until the
ATM receiver switches to SYNC mode, that is, a valid cell is received in unstructured cell format or a valid
pointer is received in structured cell formats.
Software should distinguish between the two types of overrun and underrun conditions:
1. The MCC and ATM controller can automatically recover from overruns and underruns caused by
slips without any CPU intervention. (See Section 32.5, “ATM-to-TDM Adaptive Slip Control.”)
2. Global underrun (MCCE[GUN]) and overrun (MCCE[GOV]) conditions are errors that need CPU
intervention because it is not known which channels are affected. The CPU should accordingly
reinitialize the transmit parameters and/or the receive parameters to recover.
32.4.3
Clock Synchronization (SRTS, Adaptive FIFO)
Clock synchronization methods, such as SRTS and adaptive FIFO, may be used to prevent reassembly
buffer slip. The SRTS method may be implemented using external logic. The MPC8280 can read the SRTS
from external logic and insert it into outgoing AAL1 cells and conversely, can track the SRTS from
incoming AAL1 cells and deliver it to external logic. See Section 31.16, “SRTS Generation and Clock
Recovery Using External Logic.”
Alternatively, an adaptive FIFO method can be implemented under core control. Adaptive FIFO is a way
to hold the bridging buffer at its mid-level point. One way to implement it is to periodically poll the
adaptive counter CESAC (difference between the MCC and ATM data pointers) and use this difference as
a pseudo-SRTS; see Section 32.5.1, “CES Adaptive Threshold Tables.” Writing the pseudo-SRTS to the
same external PLL logic used in the SRTS method adjusts the TDM clock.
32.4.4
Mapping TDM Time Slots to VCs
Any TDM time-slot combination can be routed to a specific data buffer using the MCC and its SI. (Refer
to Chapter 29, “Multi-Channel Controllers (MCCs),” and Chapter 15, “Serial Interface with Time-Slot
Assigner,” for further information.) A common set of data buffers (one BD table) should be used by the
ATM controller to route both the receive and transmit data. For information about ATM buffers see
Section 32.11, “Buffer Descriptors.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com