Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1063 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1063 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1067Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1063 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-3
32.2
AAL1 CES Transmitter Overview
The MPC8280 supports both structured and unstructured AAL1 cell formats. For unstructured format, the
transmitter reads 47 bytes from the external buffer and inserts them into the AAL1 user data field. For
structured format, the transmitter reads 46 or 47 bytes from the external buffer and inserts them into the
AAL1 user data field.
32.2.1
Data Path
The AAL1 PDU header, which consists of the sequence number (SN) and the sequence number protection
(SNP) (CRC-3 and parity bit), is generated and inserted into the AAL1 Tx cell, as shown in Figure 32-1.
Figure 32-1. AAL1 Transmit Cell Format
When the transmitter operates in structured data transfer (SDT) mode, two types of AAL1 cells are
defined: P (pointer) format and non-P format. The two formats are shown below.
Figure 32-2. AAL1 SDT Cell Types
The transmitter generates the structured pointer according to the I.363.1 ITU standard and inserts the
pointer exactly once every cycle (eight successive cells). The transmitter will insert the structured pointer,
at the first opportunity, into a cell with an even sequence count (SC). When the end of the structure is not
present in the current cycle, a P-format cell with a dummy pointer (127) is inserted into the last cell (SC=6)
of the cycle.
The MPC8280 supports partially filled cells configured on a per-VC basis. In this mode, only the valid
octets are filled with user information; the rest of the cell is filled with padding octets.
The MPC8280 supports synchronous residual time stamp (SRTS) generation using an external PLL. If this
mode is enabled, the MPC8280 reads the SRTS code from external logic and inserts it into four outgoing
cells. See Section 31.16, “SRTS Generation and Clock Recovery Using External Logic.”
32.2.2
Signaling Path
The MPC8280 automatically handles the signaling information as part of the interworking function. The
ATM transmitter packs the signaling information at the end of each superframe during the data
segmentation process. Each VC is associated to one signaling block by an internal routing table; see
SN
SNP
SAR-PDU payload
SAR PDU header
SAR-PDU header
ST pointer
AAL1 user information
P format AAL1 cell
Non-P format AAL1 cell
SAR-PDU header
AAL1 user information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com