Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1059 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1059 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1063Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1059 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-99
Set FTIRRx_PHY0[TRM] to enable the transmit internal rate mode and clear FTIRRx_PHY0[Initial
Value] since there is no need to further divide the BRG. See Section 31.15.1.1, “FCC Transmit Internal
Rate Register (FTIRRx).”
In external rate mode, however, the transmit cell request frequency is determined by the PHY’s maximum
rate, not by internal FCC counters. If an OC-3 PHY is used with the ATM controller in external rate mode,
the requests must be generated every 362 CPM clocks (assuming a 133-MHz CPM clock). If only 100
Mbps is used for real data, 36% of the transmit cell requests consume CPM processing time sending idle
cells.
31.17.2 APC Configuration
Maximizing the number of cells per slot (CPS) and minimizing the priority levels defined in the APC data
structure improves CPM performance:
•
Cells per slot. CPS defines the maximum number of ATM cells allowed to be sent during a time
slot. (See Section 31.3.3.1, “Determining the Cells Per Slot (CPS) in a Scheduling Table.”) The
scheduling algorithm is more efficient sending multiple cells per time slot using the linked-channel
field. Therefore, choose the maximum number of cells per slot allowed by the application.
•
Priority levels. The user can configure the APC data structure to have from one to eight priority
levels. (See Section 31.3.6, “Determining the Priority of an ATM Channel.”) For each time slot,
the scheduling algorithm scans all priority levels and maintains pointers for each level. Therefore,
enable only the minimum number of priority levels required.
31.17.3 Buffer Configuration
Using statically allocated buffers of optimal sizes also improves CPM performance:
•
Buffer size. Opening and closing buffer descriptors consumes CPM processing time. Because
smaller buffers require more opening and closing of BDs, the optimal buffer size for maximum
CPM performance is equal to the packet size (an AAL5 frame, for example).
•
Free buffer pool. When the free buffer pool is used, the CPM dynamically allocates buffers and
links them to a channel’s BD. In static buffer allocation, the core assigns a fixed data buffer to each
BD. (See Section 31.10.5.2, “Receive Buffer Operation.”) When allowed by the application, use
static buffer allocation to increase CPM performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com