Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1057 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1057 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1061Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-97
Table 31-54 describes FIRSRx_LO fields.
31.16 SRTS Generation and Clock Recovery Using External Logic
The MPC8280 supports SRTS generation using external logic. If SRTS generation is enabled
(TCT[SRT] = 1), the MPC8280 reads SRTS[0–3] from the external SRTS logic and inserts it into 4 cells
whose SN fields equal 1, 3, 5, and 7, as shown in Figure 31-68.
Figure 31-68. AAL1 CES SRTS Generation Using External Logic
For every eight cells, the external SRTS logic should supply a valid SRTS code. The CP reads the SRTS
code from the bus selected in TCT[BIB] using a DMA read cycle of 1-byte data size. Each AAL1 CES
channel can be programmed to select one of 16 addresses available for reading the SRTS result. The SRTS
code should be placed on the least-significant nibble of that address (SRTS[0]=lsb, SRTS[3]=msb). The
SRTS is synchronized with the sequence count cycle—SRTS[0] is inserted into the cell with SN = 7;
SRTS[3] is inserted into the cell with SN = 1. For every eighth AAL1 CES SAR PDU, the SRTS logic
samples a new SRTS and stores it internally. The SRTS is a sample of a 4-bit counter with a 2.43-MHz
reference clock (for E1/T1) synchronized with the network clock.
The MPC8280 supports clock recovery using an external SRTS PLL. If SRTS recovery is enabled
(RCT[SRT]=1), the MPC8280 tracks the SRTS from four incoming cells whose SN field equals 1, 3, 5,
and 7 and writes the result to external SRTS logic, as shown in Figure 31-69.
Table 31-54. FIRSR
x_LO Field Descriptions (TIREM=1)
Bit
Name
Description
0-29
GSy
Group select for PHY y
00The transmit internal rate for PHY address y is controlled by FTIRRx_GRP0.
01The transmit internal rate for PHY address y is controlled by FTIRRx_GRP1.
10The transmit internal rate for PHY address y is controlled by FTIRRx_GRP2.
11The transmit internal rate for PHY address y is controlled by FTIRRx_GRP3.
30–31
—
Reserved, should be cleared.
p = 4 bit counter
1/64
155.52 MHz
2.43 MHz (E1/T1)
Latch
fs
Counter
divided by N
(N=3008 bits = 8 SAR PDU)
SRTS
External SRTS Logic
SN=1
SN=3
SN=5
SN=7
DMA reads new SRTS code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com