Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-3
The processor core is a superscalar processor that can issue and retire as many as three instructions per
clock. Instructions can execute out of order for increased performance; however, the processor core makes
completion appear sequential.
The processor core integrates five execution units—an integer unit (IU), a floating-point unit (FPU), a
branch processing unit (BPU), a load/store unit (LSU), and a system register unit (SRU). The ability to
execute five instructions in parallel and the use of simple instructions with rapid execution times yield high
efficiency and throughput. Most integer instructions execute in one clock cycle. On the processor core, the
FPU is pipelined so a single-precision multiply-add instruction can be issued and completed every clock
cycle. The processor core provides hardware support for all single- and double-precision floating-point
operations for most value representations and all rounding modes.
The processor core supports integer data types of 8, 16, and 32 bits, and floating-point data types of 32 and
64 bits. The 32 architecturally-defined floating point registers (FPRs) can be used to hold 32, 64-bit
operands that can in turn be transferred to and from the 32 general-purpose registers (GPRs), which can
hold 32, 32-bit operands.
The processor core provides separate on-chip, 16-Kbyte, four-way set-associative, physically addressed
caches for instructions and data and on-chip instruction and data memory management units (MMUs). The
MMUs contain 64-entry, two-way set-associative, data and instruction translation lookaside buffers
(DTLB and ITLB) that provide support for demand-paged virtual memory address translation and
variable-sized block translation. The TLBs and caches use a least recently used (LRU) replacement
algorithm. The processor core also supports block address translation through the use of two independent
instruction and data block address translation (IBAT and DBAT) arrays of eight entries each. Effective
addresses are compared simultaneously with all eight entries in the BAT array during block translation. In
accordance with the PowerPC architecture, if an effective address hits in both the TLB and BAT array, the
BAT translation takes priority.
As an added feature to the MPC603e core, the MPC8280 can lock the contents of 1–3 ways in the
instruction and data cache (or an entire cache). For example, this allows embedded applications to lock
interrupt routines or other important (time-sensitive) instruction sequences into the instruction cache. It
allows data to be locked into the data cache, which may be important to code that must have deterministic
execution.
The processor core has a 60x bus that incorporates a 64-bit data bus and a 32-bit address bus. The processor
core supports single-beat and burst data transfers for memory accesses and supports memory-mapped I/O
operations.
2.2
G2_LE Core Features
This section describes the major features of the processor core:
•
High-performance, superscalar microprocessor
— As many as three instructions issued and retired per clock cycle
— As many as four instructions in execution per clock cycle
— Single-cycle execution for most instructions
— Pipelined FPU for all single-precision and most double-precision operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com