Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-6
Freescale Semiconductor
2.2.3
Branch Processing Unit (BPU)
The BPU receives branch instructions from the fetch unit and performs CR lookahead operations on
conditional branches to resolve them early, achieving the effect of a zero-cycle branch in many cases.
The BPU uses a bit in the instruction encoding to predict the direction of the conditional branch. Therefore,
when an unresolved conditional branch instruction is encountered, instructions are fetched from the
predicted target stream until the conditional branch is resolved.
The BPU contains an adder to compute branch target addresses and three user-control registers—the link
register (LR), the count register (CTR), and the CR. The BPU calculates the return pointer for subroutine
calls and saves it into the LR for certain types of branch instructions. The LR also contains the branch
target address for the Branch Conditional to Link Register (bclrx) instruction. The CTR contains the
branch target address for the Branch Conditional to Count Register (bcctrx) instruction. The contents of
the LR and CTR can be copied to or from any GPR. Because the BPU uses dedicated registers rather than
GPRs or FPRs, execution of branch instructions is largely independent from execution of other
instructions.
2.2.4
Independent Execution Units
The PowerPC architecture’s support for independent execution units allows implementation of processors
with out-of-order instruction execution. For example, because branch instructions do not depend on GPRs
or FPRs, branches can often be resolved early, eliminating stalls caused by taken branches.
In addition to the BPU, the processor core provides three other execution units and a completion unit,
which are described in the following sections.
2.2.4.1
Integer Unit (IU)
The IU executes all integer instructions. The IU executes one integer instruction at a time, performing
computations with its arithmetic logic unit (ALU), multiplier, divider, and XER register. Most integer
instructions are single-cycle instructions. Thirty-two general-purpose registers are provided to support
integer operations. Stalls due to contention for GPRs are minimized by the automatic allocation of rename
registers. The processor core writes the contents of the rename registers to the appropriate GPR when
integer instructions are retired by the completion unit.
2.2.4.2
Floating-Point Unit (FPU)
The FPU contains a single-precision multiply-add array and the floating-point status and control register
(FPSCR). The multiply-add array allows the processor core to efficiently implement multiply and
multiply-add operations. The FPU is pipelined so that single-precision instructions and double-precision
instructions can be issued back-to-back. Thirty-two floating-point registers are provided to support
floating-point operations. Stalls due to contention for FPRs are minimized by the automatic allocation of
rename registers. The core writes the contents of the rename registers to the appropriate FPR when
floating-point instructions are retired by the completion unit.
The processor core supports all IEEE 754 floating-point data types (normalized, denormalized, NaN, zero,
and infinity) in hardware, eliminating the latency incurred by software exception routines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com