Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-11
2.3.1.2
MPC8280-Specific Registers
The set of registers specific to the MPC603e are also shown in Figure 2-2. Most of these are described in
the G2 Core Reference Manual and are implemented in the MPC8280 as follows:
•
MMU software table search registers: DMISS, DCMP, HASH1, HASH2, IMISS, ICMP, and RPA.
These registers facilitate the software required to search the page tables in memory.
•
IABR and IABR2. These registers facilitate the setting of instruction address breakpoints.
•
DABR and DABR2. These registers facilitate the setting of data address breakpoints.
•
IBCR and DBCR. These registers give further control to the instruction and data address
breakpoints.
The hardware implementation-dependent registers (HIDx) are implemented differently in the MPC8280,
and they are described in the following subsections.
2.3.1.2.1
Hardware Implementation-Dependent Register 0 (HID0)
Figure 2-3 shows the MPC8280 implementation of HID0.
Table 2-1 shows the bit definitions for HID0.
0
1
2
3
4
6
78
9
10
1112
14
15
EMCP
—
EBA
EBD
—
PAR DOZE
—
STOP
DPM
—
NHR
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
ICE
DCE
ILOCK DLOCK ICFI DCFI
—
IFEM
—
FBIOB
ABE
—
NOOPTI
Figure 2-3. Hardware Implementation Register 0 (HID0)
Table 2-1. HID0 Field Descriptions
Bits
Name
Description
0
EMCP
Enable machine check input pin
0 The assertion of the MCP does not cause a machine check exception.
1 Enables the entry into a machine check exception based on assertion of the MCP input,
detection of a cache parity error, detection of an address parity error, or detection of a data
parity error.
Note that the machine check exception is further affected by MSR[ME], which specifies whether
the processor checkstops or continues processing.
1—
Reserved
2
EBA
Enable/disable 60x bus address parity checking
0 Prevents address parity checking.
1 Allows a address parity error to cause a checkstop if MSR[ME] = 0 or a machine check
exception if MSR[ME] = 1.
EBA and EBD let the processor operate with memory subsystems that do not generate parity.
3
EBD
Enable 60x bus data parity checking
0 Parity checking is disabled.
1 Allows a data parity error to cause a checkstop if MSR[ME] = 0 or a machine check exception
if MSR[ME] = 1.
EBA and EBD let the processor operate with memory subsystems that do not generate parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com