Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-15
Table 2-3 describes the HID2 fields.
2.3.1.2.4
Processor Version Register (PVR)
Software can identify the MPC8280’s processor core by reading the processor version register (PVR). The
processor version number is 0x80822013.
2.3.2
PowerPC Instruction Set and Addressing Modes
All PowerPC instructions are encoded as single-word (32-bit) opcodes. Instruction formats are consistent
among all instruction types, permitting efficient decoding to occur in parallel with operand accesses. This
fixed instruction length and consistent format greatly simplifies instruction pipelining.
2.3.2.1
Calculating Effective Addresses
The effective address (EA) is the 32-bit address computed by the processor when executing a memory
access or branch instruction or when fetching the next sequential instruction.
The PowerPC architecture supports two simple memory addressing modes:
•EA = (rA|0) + offset (including offset = 0) (register indirect with immediate index)
•EA = (rA|0) + rB (register indirect with index)
These simple addressing modes allow efficient address generation for memory accesses. Calculation of the
effective address for aligned transfers occurs in a single clock cycle.
For a memory access instruction, if the sum of the effective address and the operand length exceeds the
maximum effective address, the memory operand is considered to wrap around from the maximum
effective address to effective address 0.
Table 2-3. HID2 Field Descriptions
Bits
Name
Function
0–12
—
Reserved
13
HBE
High BAT enable. Enables the four additional pairs of BAT registers (IBAT4–IBAT7 and
DBAT4–DBAT7). These BATs are accessible by the mfspr and mtspr instructions regardless of the
setting of HID2[HBE].
14
—
Reserved
15
SFP
Speed for low power. Setting SFP reduces power consumption at the cost of reducing the maximum
frequency, which benefits power-sensitive applications that are not frequency-critical.
16–18
IWLCK
Instruction cache way lock. Useful for locking blocks of instructions into the instruction cache for
time-critical applications that require deterministic behavior. See Section 2.4.2.3, “Cache Locking.”
19–23
—
Reserved
24–26
DWLCK Data cache way lock. Useful for locking blocks of data into the data cache for time-critical
applications where deterministic behavior is required. See Section 2.4.2.3, “Cache Locking.”
27–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com