Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-16
Freescale Semiconductor
Effective address computations for both data and instruction accesses use 32-bit unsigned binary
arithmetic. A carry from bit 0 is ignored in 32-bit implementations.
In addition to the functionality of the MPC603e, the MPC8280 has additional hardware support for
misaligned little-endian accesses. Except for string/multiple load and store instructions, little-endian
load/store accesses not on a word boundary generate exceptions under the same circumstances as
big-endian requests.
2.3.2.2
PowerPC Instruction Set
The PowerPC instructions are divided into the following categories:
•
Integer instructions—These include arithmetic and logical instructions.
— Integer arithmetic
— Integer compare
— Integer logical
— Integer rotate and shift
•
Floating-point instructions—These include floating-point computational instructions, as well as
instructions that affect the FPSCR.
— Floating-point arithmetic
— Floating-point multiply/add
— Floating-point rounding and conversion
— Floating-point compare
— Floating-point status and control
•
Load/store instructions—These include integer and floating-point load and store instructions.
— Integer load and store
— Integer load and store with byte reverse
— Integer load and store string/multiple
— Floating-point load and store
•
Flow control instructions—These include branching instructions, condition register logical
instructions, trap instructions, and other synchronizing instructions that affect the instruction flow.
— Branch and trap
— Condition register logical
— Primitives used to construct atomic memory operations (lwarx and stwcx.)
— Synchronize
•
Processor control instructions—These instructions are used for synchronizing memory accesses
and management of caches, TLBs, and the segment registers.
— Move to/from SPR
— Move to/from MSR
— Instruction synchronize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com