Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1339 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1339 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1340Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1341Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1342Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1343Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1339 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
A-1
Appendix A
Register Quick Reference Guide
A0
This section provides a brief guide to the core registers.
A.1
PowerPC Registers—User Registers
The implements the user-level registers defined by the PowerPC architecture except those required for
supporting floating-point operations (the floating-point register file (FPRs) and the floating-point status
and control register (FPSCR)). User-level, PowerPC registers are listed in Table A-1 and Table A-2.
Table A-2 lists user-level special-purpose registers (SPRs).
Table A-2 lists SPRs defined by the PowerPC architecture implemented on the MPC8280.
A.2
PowerPC Registers—Supervisor Registers
All supervisor-level registers implemented on the MPC8280 are SPRs, except for the machine state
register (MSR), described in Table A-3.
Table A-1. User-Level PowerPC Registers (non-SPRs)
Description
Name
Comments
Access Level
Serialize Access
General-purpose
registers
GPRs
The thirty-two 32-bit (GPRs) are used for source
and destination operands.
User
—
Condition register
CR
See the
Programming Environments Manual
User
Only mtcrf
Table A-2. User-Level PowerPC SPRs
SPR Number
Name
Comments
Serialize Access
Decimal SPR [5–9] SPR [0–4]
1
00000
00001
XER
See the
Programming
Environments Manual
Write: Full sync
Read: Sync relative to load/store operations
8
00000
01000
LR
See the
Programming
Environments Manual
No
9
00000
01001
CTR
See the
Programming
Environments Manual
No
268
01000
01100
TBL read 1
1 Extended opcode for mftb, 371 rather than 339.
See the
Programming
Environments Manual
Write (as a store)
269
01000
01101
TBU read 2
2 Any write (mtspr) to this address causes an implementation-dependent software emulation exception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com