Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1336 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1336 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1339Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1340Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1336 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-20
Freescale Semiconductor
41.6
Interrupts from Port C
The port C lines associated with CDx and CTSx have a mode of operation where the pin can be internally
connected to the SCC/FCC but can also generate interrupts. Port C still detects changes on the CTS and
CD pins and asserts the corresponding interrupt request, but the SCC/FCC simultaneously uses CTS
and/or CD to automatically control operation. This lets the user fully implement protocols V.24, X.21, and
X.21 bis (with the assistance of other general-purpose I/O lines).
To configure a port C pin as a CTS or CD pin that connects to the SCC/FCC and generates interrupts, these
steps should be followed:
1. Write the corresponding PPARC bit with a 1 and PSORC bit with 0.
2. Write the corresponding PDIRC bit with a zero.
3. Set the SIEXR bit (in the interrupt controller) to determine which edges cause interrupts.
PD8
FCC2: TxPrty 1
UTOPIA
SMC1: SMRXD
GND
BRG5: BRGO
PD7
SMC1: SMSYN
GND
FCC1: TxAddr[3]1,2
MPHY, master,
multiplexed polling
FCC2: TxAddr[4]1
MPHY, master,
multiplexed polling
FCC1: TxAddr[3]1,3
MPHY, slave,
multiplexed polling
FCC1: TxClav21,3
MPHY, master, direct
polling
FCC2: TxAddr[1]1
MPHY, slave,
multiplexed polling
GND
PD6
FCC1: TxD[4] 1
UTOPIA 16
IDMA1: DACK
PD5
FCC1: TxD[3] 1
UTOPIA 16
IDMA1: DONE4
Inout
(secondary option)
VDD
PD4
BRG8: BRGO
TDM_D1:
L1TSYNC/GRANT4
(secondary option)
GND
FCC3: RTS
SMC2: SMRXD4
(secondary option)
GND
1 Not available on the MPC8270.
2 MPHY address pins 3 and 4 (master mode) can come from FCC2, depending on CMXUAR programming. (See
Section 16.4.1, “CMX UTOPIA Address Register (CMXUAR).”)
3 MPHY address pins 0–4 (slave mode) can come from FCC2, depending on CMXUAR programming. (See
Section 16.4.1, “CMX UTOPIA Address Register (CMXUAR).”)
4 Available only when the primary option for this function is not used.
Table 41-8. Port D Dedicated Pin Assignment (PPARD = 1) (continued)
Pin
Pin Function
PSORD = 0
PSORD = 1
PDIRD = 1 (Output)
PDIRD = 0 (Input)
Defaul
t Input
PDIRD = 1 (Output)
PDIRD = 0 (Input, or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com