Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1332 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1332 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1336Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1332 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-16
Freescale Semiconductor
PC15
SMC2: SMTXD
SCC1: CTS
SCC1: CLSN
Ethernet
(primary option)
by
PC29
FCC1: TxAddr[0]1
MPHY, master
FCC1: TxAddr[0]1,3
MPHY, slave
FCC2: TxAddr[4]
MPHY, slave
GND
PC14
SCC1: CD
SCC1: RENA
Ethernet
GND
FCC1: RxAddr[0]1
MPHY, master
FCC1: RxAddr[0]1,3
MPHY, slave
FCC2: RxAddr[4]1
MPHY, slave
GND
PC13
TDM_D1: L1RQ
SCC2: CTS
SCC2: CLSN
Ethernet
(primary option)
by
PC28
FCC1: TxAddr[1]1
MPHY, master
FCC1: TxAddr[1]1,3
MPHY, slave
FCC2: TxAddr[3]1
MPHY, slave
GND
PC12
SI1: L1ST3
SCC2: CD
SCC2: RENA
Ethernet
GND
FCC1: RxAddr[1]1
MPHY, master
FCC1: RxAddr[1]1,3
MPHY, slave
FCC2: RxAddr[3]1
MPHY, slave
GND
PC11
TDM_D1: L1CLKO
SCC3: CTS
SCC3: CLSN
Ethernet
(primary option)
by PC8 TDM_A2: L1TXD[3]
Nibble
FCC2: RxD[2]1, 3
UTOPIA 8
(secondary option)
GND
PC10
FCC1: TxD[2]1
UTOPIA 16
SCC3: CD
SCC3: RENA
Ethernet
GND
SI1: L1ST4
strobe
FCC2: RxD[3]1,3
UTOPIA
(secondary option)
GND
PC9
FCC1: TxD[1]1
UTOPIA 16
SCC4: CTS
SCC4: CLSN /
USB: RP
Ethernet
(primary option)
by PC3
SI2: L1ST1
strobe
TDM_A2:
L1TSYNC/GRANT
(secondary option)
GND
PC8
FCC1: TxD[0]1
UTOPIA 16
SCC4: CD
SCC4: RENA /
USB: RN
Ethernet
GND
SI2: L1ST2
Strobe
SCC3: CTS
SCC3:CLSN2
(secondary option)
GND
PC7
TDM_C1: L1RQ
FCC1: CTS
GND
FCC1: TxAddr[2]1
MPHY master,
multiplexed: polling
FCC1: TxAddr[2]1,3
MPHY, slave,
multiplexed polling
FCC1: TxClav11,3
MPHY, master, direct
polling
FCC2: TxAddr[2]1
MPHY, slave,
multiplexed polling
GND
Table 41-7. Port C Dedicated Pin Assignment (PPARC = 1) (continued)
PIN
Pin Function
PSORC = 0
PSORC = 1
PDIRC = 1 (Output)
PDIRC = 0 (Input)
Defaul
t Input
PDIRC = 1 (Output)
PDIRC = 0 (Input or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com