Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1334 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1334 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1334 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-18
Freescale Semiconductor
PD29
SCC1: RTS
SCC1: TENA
Ethernet
FCC1: RxAddr[3]1,2
MPHY, master,
multiplexed polling
FCC2: RxAddr[4]1
MPHY, master,
multiplexed polling
FCC1: RxAddr[3]1,3
MPHY, slave,
multiplexed polling
FCC1: RxClav21, 3
MPHY, master, direct
polling
FCC2: RxAddr[1]1
MPHY, slave,
multiplexed polling
GND
PD28
FCC1: TxD[7]1
UTOPIA 16 bit
SCC2: RXD4
(secondary option)
GND
TDM_C1: L1TXD4
Inout
(secondary option)
GND
PD27
SCC2: TXD
FCC1: RxD[7]1
UTOPIA 16
GND
TDM_C1: L1RXD4
Inout
(secondary option)
GND
PD26
SCC2: RTS
SCC2: TENA
Ethernet
FCC1: RxD[6]1
UTOPIA 16
GND
TDM_C1:
L1RSYNC4
(secondary option)
GND
PD25
FCC1: TxD[6]1
UTOPIA 16
SCC3: RXD4
(secondary option)
GND
TDM_D1: L1TXD4
Inout
(secondary option)
GND
PD24
SCC3: TXD
FCC1: RxD[5]1
UTOPIA 16
GND
TDM_D1: L1RXD4
Inout
(secondary option)
GND
PD23
SCC3: RTS
SCC3: TENA
Ethernet
FCC1: RxD[4]1
UTOPIA 16
GND
TDM_D1:
L1RSYNC4
(secondary option)
GND
PD22
FCC1: TxD[5]1
UTOPIA 16
SCC4: RXD /
USB: Rxd
GND
TDM_A2:
L1TXD[0]4
Output, nibble
(secondary option)
TDM_A2: L1TXD4
Inout, serial
(secondary option)
GND
PD21
SCC4: TXD /
USB: TN
FCC1: RxD[3]1
UTOPIA 16
GND
TDM_A2: L1RXD4
Inout, serial
TDM_A2:
L1RXD[0]4
Input, nibble
(secondary option)
GND
PD20
SCC4: RTS
SCC4: TENA
Ethernet
USB: TP
FCC1: RxD[2]1
UTOPIA 16
GND
TDM_A2:
L1RSYNC4
(secondary option)
GND
Table 41-8. Port D Dedicated Pin Assignment (PPARD = 1) (continued)
Pin
Pin Function
PSORD = 0
PSORD = 1
PDIRD = 1 (Output)
PDIRD = 0 (Input)
Defaul
t Input
PDIRD = 1 (Output)
PDIRD = 0 (Input, or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com