Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1333 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1333 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1333 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-17
Table 41-8 shows the port D pin assignments.
PC6
TDM_C1: L1CLKO
FCC1: CD
GND
FCC1: RxAddr[2]1
MPHY, master,
multiplexed polling
FCC1: RxAddr[2]1,3
MPHY, slave,
multiplexed polling)
FCC1: RxClav11,3
MPHY, master, direct
polling
FCC2: RxAddr[2]1
MPHY, slave,
multiplexed polling
GND
PC5
FCC2: TxClav1
UTOPIA, slave
FCC2: TxClav1
UTOPIA, master
GND
SI2: L1ST3
Strobe
FCC2: CTS
GND
PC4
FCC2: RxEnb1
UTOPIA, master
FCC2: RxEnb1
UTOPIA, slave
GND
SI2: L1ST4
Strobe
FCC2: CD
GND
PC3
FCC2: TxD[2]1
UTOPIA 8
FCC3: CTS
GND
IDMA2: DACK
SCC4: CTS
SCC4: CLSN2
(secondary option)
GND
PC2
FCC2: TxD[3]1
UTOPIA 8
FCC3: CD
GND
IDMA2: DONE
Inout
VDD
PC1
BRG6: BRGO
IDMA2: DREQ
GND
TDM_A2: L1RQ
SPI: SPISEL2
Inout
(secondary option)
PC0
BRG7: BRGO
IDMA1: DREQ
GND
TDM_A2: L1CLKO
SMC2: SMSYN
(secondary option)
GND
1 Not available on the MPC8270.
2 Available only when the primary option for this function is not used.
3 MPHY Address pins 3,4 (master mode) can come from FCC2, depending on CMXUAR programming. (See
Section 16.4.1, “CMX UTOPIA Address Register (CMXUAR).”)
Table 41-8. Port D Dedicated Pin Assignment (PPARD = 1)
Pin
Pin Function
PSORD = 0
PSORD = 1
PDIRD = 1 (Output)
PDIRD = 0 (Input)
Defaul
t Input
PDIRD = 1 (Output)
PDIRD = 0 (Input, or
Inout if Specified)
Defaul
t Input
PD31
SCC1: RXD
GND
PD30
FCC2: TxEnb1
UTOPIA master
FCC2: TxEnb1
UTOPIA slave
GND
SCC1: TXD
Table 41-7. Port C Dedicated Pin Assignment (PPARC = 1) (continued)
PIN
Pin Function
PSORC = 0
PSORC = 1
PDIRC = 1 (Output)
PDIRC = 0 (Input)
Defaul
t Input
PDIRC = 1 (Output)
PDIRC = 0 (Input or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com