Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1329 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1329 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1329 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-13
PB21
FCC2: RxD[7]
UTOPIA 8
FCC2: RxD[0]
MII/HDLC nibble
FCC2: RxD[0]
RMII dibit
FCC2: RxD
HDLC/transp. serial
GND
TDM_A1: L1TXD[2]
Nibble
TDM_D2:
L1TSYNC/GRANT
GND
PB20
FCC2: RxD[6]
UTOPIA 8
FCC2: RxD[1]
MII/HDLC nibble
FCC2: RxD[1]
RMII dibit
GND
TDM_A1-L1TXD[1]
Nibble
TDM_D2: L1RSYNC
GND
PB19
FCC2: RxD[5]1
UTOPIA 8
FCC2: RxD[2]
MII/HDLC nibble
GND
TDM_D2: L1RQ
TDM_A2: L1RXD[3]
Nibble
GND
PB18
FCC2: RxD[4]
UTOPIA 8
FCC2: RxD[3]
MII/HDLC nibble
GND
TDM_D2: L1CLKO
TDM A2: L1RXD[2]
Nibble
GND
PB17
TDM_A1: L1RQ
FCC3: RX_DV
MII
FCC3: CRS_DV
RMII
GND
CLK17
GND
PB16
TDM_A1: L1CLKO
FCC3: RX_ER
MII/RMII
GND
CLK18
GND
PB15
FCC3: TX_ER
MII
SCC2: RXD
(primary option)
by
PD28
TDM_C1: L1TXD
Inout
(primary option)
by
PD28
PB14
FCC3: TX_EN
MII/RMII
SCC3: RXD
(primary option)
by
PD25
TDM_C1: L1RXD
Inout
(primary option)
by
PD27
PB13
TDM_B1: L1RQ
FCC3: COL
MII
GND
TDM_A2: L1TXD[1]
Nibble
TDM_C1:
L1TSYNC/GRANT
(primary option)
by
PD16
PB12
TDM_B1: L1CLKO
FCC3: CRS
MII
GND
SCC2: TXD
TDM_C1: L1RSYNC
(primary option)
by
PD26
PB11
FCC2: TxD[0]1
UTOPIA 8
FCC3: RxD[3]
MII/HDLC nibble
GND
TDM_D1: L1TXD
Inout
(primary option)
by
PD25
Table 41-6. Port B Dedicated Pin Assignment (PPARB = 1) (continued)
Pin
Pin Function
PSORB = 0
PSORB = 1
PDIRB = 1 (Output)
PDIRB = 0 (Input)
Defaul
t Input
PDIRB = 1 (Output)
PDIRB = 0 (Input or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com