Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1327 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1327 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1327 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-11
PA12
FCC1: RxD[2]1
UTOPIA 8
FCC1: RxD[10]1
UTOPIA 16
GND
MSNUM[3]2
PA11
FCC1: RxD[1]1
UTOPIA 8
FCC1: RxD[9] 1
UTOPIA 16
GND
MSNUM[4]2
PA10
FCC1: RxD[0]1
UTOPIA 8
FCC1: RxD[8]1
UTOPIA 16
GND
MSNUM[5]2
PA9
SMC2: SMTXD
TDM_A1: L1TXD[0]
Output, nibble
TDM_A1: L1TXD
Inout, serial
GND
PA8
FCC2: TxAddr[4]
SMC2: SMRXD
(primary option)
by PD4
TDM_A1: L1RXD[0]
Input, nibble
TDM_A1: L1RXD
Inout, serial
GND
PA7
FCC2: TxAddr[3]
SMC2: SMSYN
(primary option)
by PC0
TDM_A1:
L1TSYNC/GRANT
GND
PA6
FCC2: RxAddr[3]
TDM_A1: L1RSYNC
GND
PA5
SCC2: RSTRT
FCC1: RxPrty1
UTOPIA
(secondary option)
GND
FCC2: RxAddr[2]1
MPHY master
IDMA4: DREQ
GND
PA4
FCC2: RxAddr[1]1
MPHY master
SCC2: REJECT
VDD
IDMA4: DONE
Inout
VDD
PA3
FCC2: RxAddr[0]1
MPHY master
CLK19
GND
IDMA4: DACK
TDM_A2: L1RXD[1]
Nibble
GND
PA2
FCC2: TxAddr[0]1
MPHY master
CLK20
GND
IDMA3: DACK
PA1
FCC2: TxAddr[1]1
MPHY master
SCC1: REJECT
VDD
IDMA3: DONE
Inout
VDD
PA0
SCC1: RSTRT
FCC2: TxAddr[2]1
MPHY master
IDMA3: DREQ
GND
1 Not available on the MPC8270.
2 MSNUM[0–4] is the sub-block code of the peripheral controller using SDMA; MSNUM[5] indicates which section,
transmit or receive, is active during the transfer. See Section 19.2.4, “SDMA Transfer Error MSNUM Registers
(PDTEM and LDTEM).”
Table 41-5. Port A—Dedicated Pin Assignment (PPARA = 1) (continued)
Pin
Pin Function
PSORA = 0
PSORA = 1
PDIRA = 1 (Output)
PDIRA = 0 (Input)
Defaul
t Input
PDIRA = 1 (Output)
PDIRA = 0 (Input, or
Inout if Specified)
Defaul
t Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com