Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1323 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1323 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1326Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1327Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1323 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-7
41.4.1
General Purpose I/O Pins
Each one of the port pins is independently configured as a general-purpose I/O pin if the corresponding
port pin assignment register (PPAR) bit is cleared. Each pin is configured as a dedicated on-chip peripheral
pin if the corresponding PPAR bit is set.When the port pin is configured as a general-purpose I/O pin, the
signal direction for that pin is determined by the corresponding control bit in the port data direction register
(PDIR). The port I/O pin is configured as an input if the corresponding PDIR bit is cleared; it is configured
as an output if the corresponding PDIR bit is set. All PPAR and PDIR bits are cleared on total system reset,
configuring all port pins as general-purpose input pins.
If a port pin is selected as a general-purpose I/O pin, it can be accessed through the port data register
(PDATx). Data written to the PDATx is stored in an output latch. If a port pin is configured as an output,
the output latch data is gated onto the port pin. In this case, when PDATx is read, the port pin itself is read.
If a port pin is configured as an input, data written to PDATx is still stored in the output latch, but is
prevented from reaching the port pin. In this case, when PDATx is read, the state of the port pin is read.
41.4.2
Dedicated Pins
When a port pin is not configured as a general-purpose I/O pin, it has a dedicated functionality, as
described in the following tables. Note that if an input to a peripheral is not supplied from a pin, a default
value is supplied to the on-chip peripheral as listed in the right-most column.
NOTE
Some output functions can be output on 2 different pins. For example, the
output for BRG1 can come out on both PC31 and PD19. The user can freely
configure such functions to be output on two pins at once. However, there
is typically no advantage in doing so unless there is a large fanout where it
is advantageous to share the load between two pins.
Many input functions can also come from two different pins; see
Section 41.5, “Ports Tables.”
41.5
Ports Tables
Table 41-5 through Table 41-8 describe the ports functionality according to the configuration of the port
registers (PPARx, PSORx, and PDIRx). Each pin can function as a general purpose I/O, one of two
dedicated outputs, or one of two dedicated inputs.
As shown in Figure 41-7, some input functions can come from two different pins for flexibility. Secondary
option programming is relevant only if primary option is programmed to the default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com