Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1321 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1321 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1321 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-5
PSOR bits are effective only if the corresponding PPARx[DDx] = 1 (a dedicated peripheral function).
Table 41-4 describes PSORx fields.
NOTE
Program PSORx and PDIRx before programming PPARx to ensure desired
functions are configured when PPARx bits are set. Otherwise, a pin might
function for a short period as an unwanted dedicated function and cause
unknown behavior.
0
123
45
67
89
10
11
12
13
14
15
Field SO01 SO11 SO21 SO31 SO4
SO5
SO6
SO7
SO8
SO9 SO10 SO11 SO12 SO13 SO14 SO15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D08 (PSORA), 0x10D28 (PSORB), 0x10D48 (PSORC), 0x10D68 (PSORD)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field SO16 SO17 SO18 SO19 SO20 SO21 SO22 SO23 SO24 SO25 SO26 SO27 SO28 SO29 SO30 SO31
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D0A (PSORA), 0x10D2A (PSORB), 0x10D4A (PSORC), 0x10D6A (PSORD)
1 These bits are valid for PSORA and PSORC only
Figure 41-5. Special Options Registers (PSORA–POSRD)
Table 41-4. PSOR
x Field Descriptions
Bits
Name
Description
0–31
SO
x
Special-option. Determines whether a pin configured for a dedicated function (PPAR
x[DDx] = 1)
uses option 1 or option 2. Note that bits SO0–SO3 are valid for PSORA and PSORC only. Options
are described in Section 41.2, “Port Registers.”
0 Dedicated peripheral function. Option 1.
1 Dedicated peripheral function. Option 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com