Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1318 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1318 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1318 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-2
Freescale Semiconductor
41.2.1
Port Open-Drain Registers (PODRA–PODRD)
The port open-drain register (PODR), shown in Figure 41-1, indicates a normal or wired-OR configuration
of the port pins.
Table 41-1 describes PODR fields.
41.2.2
Port Data Registers (PDATA–PDATD)
A read of a port data register (PDATx), shown in Figure 41-2, returns the data at the pin, independent of
whether the pin is defined as an input or output. This allows detection of output conflicts at the pin by
comparing the written data with the data on the pin.
A write to the PDATx is latched and if the equivalent PDIR bit is configured as an output, the value latched
for that bit is driven onto its respective pin. PDATx can be read or written at any time and is not initialized.
If a port pin is selected as a general-purpose I/O pin, it can be accessed through the port data register
(PDATx). Data written to the PDATx is stored in an output latch. If a port pin is configured as an output,
the output latch data is gated onto the port pin. In this case, when PDATx is read, the port pin itself is read.
If a port pin is configured as an input, data written to PDATx is still stored in the output latch, but is
prevented from reaching the port pin. In this case, when PDATx is read, the state of the port pin is read.
0
123
45
67
89
10
11
12
13
14
15
Field OD01 OD11 OD21 OD31 OD4
OD5
OD6
OD7
OD8
OD9 OD10 OD11 OD12 OD13 OD14 OD15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D0C (PODRA), 0x10D2C (PODRB), 0x10D4C (PODRC), 0x10D6C (PODRD)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field OD16 OD17 OD18 OD19 OD20 OD21 OD22 OD23 OD24 OD25 OD26 OD27 OD28 OD29 OD30 OD31
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D0E (PODRA), 0x10D2E (PODRB), 0x10D4E (PODRC), 0x10D6E (PODRD)
1 These bits are valid for PODRA and PODRC only
Figure 41-1. Port Open-Drain Registers (PODRA–PODRD)
Table 41-1. PODR
x Field Descriptions
Bits
Name
Description
0–31
OD
x
Open-drain configuration. Determines whether the corresponding pin is actively driven as an output
or is an open-drain driver. Note that bits OD0–OD3 are valid for PODRA and PODRC only.
0 The I/O pin is actively driven as an output.
1 The I/O pin is an open-drain driver. As an output, the pin is driven active-low, otherwise it is
three-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com