Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1316 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1316 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1316 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-14
Freescale Semiconductor
Table 40-10 describes I2C TxBD status and control bits.
0123
456
12
13
14
15
Offset + 0
R
—
WI
L
S
—
NAK
UN
CL
Offset + 2
Data Length
Offset + 4
Tx Buffer Pointer
Offset + 6
Figure 40-14. I2C TxBD
Table 40-10. I2C TxBD Status and Control Bits
Bits
Name
Description
0
R
Ready.
0 The buffer is not ready to be sent. This BD or its buffer can be modified. The CP clears R after
the buffer is sent or an error occurs.
1 The buffer is ready for transmission or is being sent. The BD cannot be modified once R is set.
1
—
Reserved and should be cleared.
2
W
Wrap (last BD in TxBD table).
0 Not the last BD in the table.
1 Last BD in the table. After this buffer is used, the CP transmits data using the BD pointed to by
TBASE (top of the table). The number of BDs in this table is determined only by the W bit and
overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is serviced; I2CER[TXE] is unaffected.
1 I2CER[TXB] or I2CER[TXE] is set when the buffer is serviced. If enabled, an interrupt occurs.
4
L
Last.
0 This buffer does not contain the last character of the message.
1 This buffer contains the last character of the message. The I
2C controller generates a stop
condition after sending this buffer.
5
S
Generate start condition. Provides ability to send back-to-back frames with one I2COM[STR] trigger.
0 Do not send a start condition before the first byte of the buffer.
1 Send a start condition before the first byte of the buffer. (Used to separate frames.)
Note: If this BD is the first one in the frame when I2COM[STR] is triggered, a start condition is sent
regardless of the value of TxBD[S].
6–12
—
Reserved and should be cleared.
13
NAK
No acknowledge. Indicates that the transmission was aborted because the last byte sent was not
acknowledged. The I
2C controller updates NAK after the buffer is sent.
14
UN
Underrun. Indicates that the I
2C controller encountered a transmitter underrun condition while
sending the associated buffer. The I
2C controller updates UN after the buffer is sent.
15
CL
Collision. Indicates that transmission terminated because the transmitter was lost while arbitrating
for the bus. The I
2C controller updates CL after the buffer is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com