Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1312 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1312 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1312 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-10
Freescale Semiconductor
Figure 40-11 shows the RFCR/TFCR bit fields.
0x08
RSTATE
Word
Rx internal state.2 Reserved for CP use.
0x0C
RPTR
Word
Rx internal data pointer2 is updated by the SDMA channels to show the next address
in the buffer to be accessed.
0x10
RBPTR
Hword RxBD pointer. Points to the next descriptor the receiver transfers data to when it is in
an idle state or to the current descriptor during frame processing for each I2C channel.
After a reset or when the end of the descriptor table is reached, the CP initializes
RBPTR to the value in RBASE. Most applications should not write RBPTR, but it can
be modified when the receiver is disabled or when no receive buffer is used.
0x12
RCOUNT
Hword Rx internal byte count 2 is a down-count value that is initialized with the MRBLR value
and decremented with every byte the SDMA channels write.
0x14
RTEMP
Word
Rx temp.2 Reserved for CP use.
0x18
TSTATE
Word
Tx internal state.2 Reserved for CP use.
0x1C
TPTR
Word
Tx internal data pointer 2 is updated by the SDMA channels to show the next address
in the buffer to be accessed.
0x20
TBPTR
Hword TxBD pointer. Points to the next descriptor that the transmitter transfers data from when
it is in an idle state or to the current descriptor during frame transmission. After a reset
or when the end of the descriptor table is reached, the CP initializes TBPTR to the value
in TBASE.Most applications should not write TBPTR, but it can be modified when the
transmitter is disabled or when no transmit buffer is used.
0x22
TCOUNT
Hword Tx internal byte count 2 is a down-count value initialized with TxBD[Data Length] and
decremented with every byte read by the SDMA channels.
0x24
TTEMP
Word
Tx temp.2 Reserved for CP use.
0x34
SDMATMP
Word
SDMA temp.2 Reserved for CP use.
1 From the pointer value programmed in I2C_BASE at IMMR + 0x8AFC.
2 Normally, these parameters need not be accessed.
01234567
Field
GBL
BO
TC2
DTB
—
Reset
0000_0000
R/W
R/W
Addr
I2C_BASE + 04 (RFCR)/I2C_BASE + 05 (TFCR)
Figure 40-11. I2C Function Code Registers (RFCR/TFCR)
Table 40-6. I2C Parameter RAM Memory Map (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com