Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1310 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1310 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1310 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-8
Freescale Semiconductor
the corresponding interrupt. Unmasked I2CER bits must be cleared before the CP clears internal interrupt
requests. Figure 40-9 shows both registers.
Table 40-4 describes the I2CER/I2CMR fields.
40.4.5
I2C Command Register (I2COM)
The I2C command register, shown in Figure 40-10, is used to start I2C transfers and to select master or
slave mode.
0
234567
Field
—
TXE
—
BSY
TXB
RXB
Reset
0000_0000
R/W
R/W
Addr
0x11870(I2CER)/0x11874 I2CMR)
Figure 40-9. I2C Event/Mask Registers (I2CER/I2CMR)
Table 40-4. I2CER/I2CMR Field Descriptions
Bits
Name
Description
0–2
—
Reserved and should be cleared.
3
TXE
Tx error. Set when an error occurs during transmission. This event is not maskable via the TxBD[I]
bit.
4
—
Reserved and should be cleared.
5
BSY
Busy. Set after the first character is received but discarded because no Rx buffer is available.
6
TXB
Tx buffer. Set when the Tx data of the last character in the buffer is written to the Tx FIFO. Two
character times must elapse to guarantee that all data has been sent.
7
RXB
Rx buffer. Set after the last character is written to the Rx buffer and the RxBD is closed.
01234567
Field
STR
—
M/S
Reset
0000_0000
R/W
R/W
Addr
0x1186C
Figure 40-10. I2C Command Register (I2COM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com