Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1313 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1313 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1313 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
40-11
Table 40-7 describes the RFCR/TFCR bit fields.
40.6
I2C Commands
The I2C transmit and receive commands, shown in Table 40-8, are issued to the CP command register
(CPCR).
40.7
The I2C Buffer Descriptor (BD) Table
As shown in Figure 40-12, buffer descriptors (BDs) are organized into separate RxBD and TxBD tables
in dual-port RAM. The tables have the same basic configuration as for the SCCs and SMCs and form
circular queues that determine the order buffers are transferred. The CP uses BDs to confirm reception and
transmission or to indicate error conditions so that the core knows buffers have been serviced. The buffers
themselves can be placed in external memory or in any unused parameter area of the dual-port RAM.
Table 40-7. RFCR/TFCR Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global access bit
0 Disable memory snooping
0 Enable memory snooping
3–4
BO
Byte ordering. Selects the required byte ordering for the buffer. If BO is changed on-the-fly, it takes
effect at the beginning of the next frame or BD.
00 True little-endian. Note this mode can only be used with 32-bit port size memory.
01 Big-endian
1x Munged little-endian
5
TC2
Transfer code 2. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
6
DTB
Data bus indicator.
0 Use 60x bus for SDMA operation.
1 Use local bus for SDMA operation.
7
—
Reserved, should be cleared.
Table 40-8. I2C Transmit/Receive Commands
Command
Description
INIT TX
PARAMETERS
Initializes all transmit parameters in the parameter RAM to their reset state. Should be issued only when
the transmitter is disabled. The INIT TX AND RX PARAMETERS command can also be used to reset both
the Tx and Rx parameters.
CLOSE RXBD
Forces the I
2C controller to close the current Rx BD and use the next BD for subsequently received
data. If the controller is not receiving data, no action is taken. Use this command to extract data from a
partially full buffer.
INIT RX
PARAMETERS
Initializes all receive parameters in the parameter RAM to their reset state. Should be issued only when
the receiver is disabled. The INIT TX AND RX PARAMETERS command can also be used to reset both the
Tx and Rx parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com