Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1317 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1317 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1317 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-1
Chapter 41
Parallel I/O Ports
The CPM supports four general-purpose I/O ports—ports A, B, C, and D. Each pin in the I/O ports can be
configured as a general-purpose I/O signal or as a dedicated peripheral interface signal. Port C is unique
in that 16 of its pins can generate interrupts to the interrupt controller.
Each pin can be configured as an input or output and has a latch for data output, read or written at any time,
and configured as general-purpose I/O or a dedicated peripheral pin. Part of the pins can be configured as
open-drain (the pin can be configured in a wired-OR configuration on the board). The pin drives a zero
voltage but three-states when driving a high voltage.
Note that port pins do not have internal pull-up resistors. Due to the CPM’s significant flexibility, many
dedicated peripheral functions are multiplexed onto the ports. The functions are grouped to maximize the
pins’ usefulness in the greatest number of MPC8280 applications. The reader may not obtain a full
understanding of the pin assignment capability described in this chapter without understanding the CPM
peripherals.
41.1
Features
The following is a list of the parallel I/O ports’ important features:
•
Port A is 32 bits
•
Port B is 28 bits
•
Port C is 32 bits
•
Port D is 28 bits
•
All ports are bidirectional
•
All ports have alternate on-chip peripheral functions
•
All ports are three-stated at system reset
•
All pin values can be read while the pin is connected to an on-chip peripheral
•
Open-drain capability on some pins
•
Port C offers 16 interrupt input pins
41.2
Port Registers
Each port has four memory-mapped, read/write, 32-bit control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com