Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1315 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1315 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1315 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
40-13
Table 40-9 describes I2C RxBD status and control bits.
40.7.1.2
I2C Transmit Buffer Descriptor (TxBD)
Transmit data is arranged in buffers referenced by TxBDs in the TxBD table. The first word of the TxBD,
shown in Figure 40-14, contains status and control bits.
0123
45
13
14
15
Offset + 0
E
—
WI
L—
OV
—
Offset + 2
Data Length
Offset + 4
RX Buffer Pointer
Offset + 6
Figure 40-13. I2C RxBD
Table 40-9. I2C RxBD Status and Control Bits
Bits
Name
Description
0
E
Empty.
0 The buffer is full or stopped receiving because of an error. The core can examine or write to any
fields of this RxBD, but the CP does not use this BD while E = 0.
1 The buffer is empty or reception is in progress. The CP owns this RxBD and its buffer. Once E is
set, the core should not write any fields of this RxBD.
1
—
Reserved and should be cleared.
2
W
Wrap (last BD in table).
0 Not the last BD in the RxBD table.
1 Last BD in the RxBD table. After this buffer is used, the CP receives incoming data using the BD
pointed to by RBASE (top of the table). The number of BDs in this table is determined only by the
W bit and overall space constraints of the dual-port RAM.
3
I
Interrupt.
0 No interrupt is generated after this buffer is full.
1 The I2CER[RXB] is set when the CP fills this buffer, indicating that the core needs to process the
buffer. The RXB bit can cause an interrupt if it is enabled.
4
L
Last. The I
2C controller sets L.
0 This buffer does not contain the last character of the message.
1 This buffer holds the last character of the message. The I
2C controller sets L after all received
data is placed into the associated buffer, or because of a stop or start condition or an overrun.
5–13
—
Reserved and should be cleared.
14
OV
Overrun. Set when a receiver overrun occurs during reception. The I
2C controller updates this bit
after the received data is placed into the associated buffer.
15
—
Reserved and should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com