Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1314 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1314 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1314 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-12
Freescale Semiconductor
Figure 40-12. I2C Memory Structure
40.7.1
I2C Buffer Descriptors (BDs)
Receive and transmit buffer descriptors report information about each buffer transferred and whether a
maskable interrupt should be generated. Each 64-bit BD, shown in Figure 40-13 and Figure 40-14, has the
following structure:
•
The half word at offset + 0 contains status and control bits. The CP updates the status bits after the
buffer is sent or received.
•
The half word at offset + 2 contains the data length (in bytes) that is sent or received.
— For an RxBD, this is the number of octets the CP writes into this RxBD’s buffer once the
descriptor closes. The CP updates this field after the received data is placed into the associated
buffer. Memory allocated for this buffer should be no smaller than MRBLR.
— For a TxBD, this is the number of octets the CP should transmit from its buffer. Normally, this
value should be greater than zero. The CP never modifies this field.
•
The word at offset + 4 points to the beginning of the buffer.
— For an RxBD, the pointer must be even and can point to internal or external memory.
— For a TxBD, the pointer can be even or odd. The buffer can reside in internal or external
memory.
40.7.1.1
I2C Receive Buffer Descriptor (RxBD)
Using RxBDs, the CP reports on each buffer received, closes the current buffer, generates a maskable
interrupt, and starts receiving data in the next buffer when the current one is full. It closes the buffer when
a stop or start condition is found on the I2C bus or when an overrun error occurs. The core should write
RxBD bits before the I2C controller is enabled.
Status and Control
Data Length
Buffer Pointer
Status and Control
Data Length
Buffer Pointer
Tx Buffer
I2C RxBD Table Pointer
(RBASE)
Rx Buffer
Dual-Port RAM
External Memory
TxBD Table
RxBD Table
Tx Buffer
I2C TxBD Table Pointer
(TBASE)
I2C RxBD Table
I2C TxBD Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com