Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1319 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1319 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1319 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-3
41.2.3
Port Data Direction Registers (PDIRA–PDIRD)
The port data direction register(PDIR), shown in Figure 41-3, is cleared at system reset.
Table 41-2 describes PDIR fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field D01
D11
D21
D31
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
Reset
—
R/W
R/W
Addr
0x10D10 (PDATA), 0x10D30 (PDATB), 0x10D50 (PDATC), 0x10D70 (PDATD)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
Reset
—
R/W
R/W
Addr
0x10D12 (PDATA), 0x10D32 (PDATB), 0x10D52 (PDATC), 0x10D72 (PDATD)
1 These bits are valid for PDATA and PDATC only
Figure 41-2. Port Data Registers (PDATA–PDATD)
0
123
45
67
89
10
11
12
13
14
15
Field DR01 DR11 DR21 DR31 DR4
DR5
DR6
DR7
DR8
DR9 DR10 DR11 DR12 DR13 DR14 DR15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D00 (PDIRA), 0x10D20 (PDIRB), 0x10D40 (PDIRC), 0x10D60 (PDIRD)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field DR16 DR17 DR18 DR19 DR20 DR21 DR22 DR23 DR24 DR25 DR26 DR27 DR28 DR29 DR30 DR31
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D02 (PDIRA), 0x10D22 (PDIRB), 0x10D42 (PDIRC), 0x10D62 (PDIRD)
1 These bits are valid for PDIRA and PDIRC only
Figure 41-3. Port Data Direction Register (PDIR)
Table 41-2. PDIR Field Descriptions
Bits
Name
Description
0–31
DR
x
Direction. Indicates whether a pin is used as an input or an output. Note that bits DR0–DR3 are valid
for PDIRA and PDIRC only.
0 The corresponding pin is an input or is bidirectional.
1 The corresponding pin is an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com