Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1320 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1320 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1320 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-4
Freescale Semiconductor
41.2.4
Port Pin Assignment Register (PPAR)
The port pin assignment register (PPAR) is cleared at system reset.
Table 41-2 describes PPARx fields.
41.2.5
Port Special Options Registers A–D (PSORA–PSORD)
Figure 41-5 shows the port special options registers (PSORx).
0
123
45
67
89
10
11
12
13
14
15
Field DD01 DD11 DD21 DD31 DD4
DD5
DD6
DD7
DD8
DD9 DD10 DD11 DD12 DD13 DD14 DD15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D04 (PPARA), 0x10D24 (PPARB), 0x10D44 (PPARC), 0x10D64 (PPARD)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field DD16 DD17 DD18 DD19 DD20 DD21 DD22 DD23 DD24 DD25 DD26 DD27 DD28 DD29 DD30 DD31
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D06 (PPARA), 0x10D26 (PPARB), 0x10D46 (PPARC), 0x10D66 (PPARD)
1 These bits are valid for PPARA and PPARC only
Figure 41-4. Port Pin Assignment Register (PPARA–PPARD)
Table 41-3. PPAR Field Descriptions
Bits
Name
Description
0–31
DD
x
Dedicated enable. Indicates whether a pin is a general-purpose I/O or a dedicated peripheral pin.
Note: Bits DD0–DD3 are valid for PPARA and PPARC only.
0 General-purpose I/O. The peripheral functions of the pin are not used.
1 Dedicated peripheral function. The pin is used by the internal module. The on-chip peripheral
function to which it is dedicated can be determined by other bits such as those is the PDIR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com