Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1322 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1322 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1322 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
41-6
Freescale Semiconductor
41.3
Port Block Diagram
Figure 41-6 shows the functional block diagram.
Figure 41-6. Port Functional Operation
41.4
Port Pins Functions
Each pin can operate as a general purpose I/O pin or as a dedicated input or output pin.
Pin
PDAT
x
Default
Input IN1
Default
Input IN2
To DED IN1
To DED IN2
From DED OUT2
PDAT
x Read
0
1
0
1
PPAR & PSOR & PDIR
PPAR & PSOR & PDIR
Open
Drain
Control
EN
PODR
0
Latch
From DED OUT1
PSOR
1
0
1
PDAT
x Write
To/from internal bus
Register Name
0
1
Description
PPAR
x
General purpose
Dedicated
Port pin assignment
PSOR
x
Dedicated 1
Dedicated 2
Special operation
PDIR
x
Input
Output
Direction1
1 Bidirectional signals must be programmed as inputs (PDIR = 0).
PODR
x
Regular
Open drain
PDAT
x
01
Data
Read
PDIR
PPAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com