Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1307 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1307 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1307 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
40-5
3. After the first byte is shifted in, the slave compares the received data to its slave address. If the slave
is an MPC8280, the address is programmed in its I2C address register (I2ADD).
— If a match is found, the slave acknowledges the received byte and begins transmitting on the
clock pulse immediately following the acknowledge.
— If a match is found but the slave is not ready, the read request is not acknowledged and the
transaction is aborted. If the slave is an MPC8280, a maskable transmission error interrupt is
triggered to allow software to prepare data for transmission on the next try.
— If a mismatch occurs, the slave ignores the message and searches for a new start condition.
4. The master acknowledges each byte sent as long as an overrun does not occur. If the master
receiver fails to acknowledge a byte, the slave aborts transmission. For a slave MPC8280, the abort
generates a maskable interrupt. A maskable interrupt is also issued after a complete buffer is sent
or after an error. If an underrun occurs, the MPC8280 slave sends ones until a stop condition is
detected.
40.3.4
I2C Multi-Master Considerations
The I2C controller supports a multi-master configuration, in which the I2C controller must alternate
between master and slave modes. The I2C controller supports this by implementing I2C master arbitration
in hardware. However, due to the nature of the I2C bus and the implementation of the I2C controller, certain
software considerations must be made.
An MPC8280 I2C controller attempting a master read request could simultaneously be targeted for an
external master write (slave read). Both operations trigger the controller’s I2CER[RXB] event, but only
one operation wins the bus arbitration. To determine which operation caused the interrupt, software must
verify that its transmit operation actually completed before assuming that the received data is the result of
its read operation.
Problems could also arise if the MPC8280's I2C controller master sets up a transmit buffer and BD for a
write request, but then is the target of a read request from another master. Without software precautions,
the I2C controller responds to the other master with the transmit buffer originally intended for its own write
request. To avoid this situation, a higher-level handshake protocol must be used. For example, a master,
before reading a slave, writes the slave with a description of the requested data (which register should be
read, for example). This operation is typical with many I2C devices.
In addition, it is not recommended to enable the MPC8280’s I2C controller while another I2C master is
executing transactions on the bus. The MPC8280’s I2C controller should wait for the bus to become idle.
The MPC8280’s I2C controller assumes that other I2C devices on the bus closely conform to the I2C
specification. Unexpected behavior can occur if the MPC8280 I2C controller is connected with devices
which operate outside the specification. For example, a slave device which acknowledges a master write
with two SCL pulses instead of one (total of 10 SCL pulses), can cause wrong behavior of the
PowerQUICC I2C controller on its next transaction.
40.4
I2C Registers
The following sections describe the I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com