Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1303 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1303 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1303 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
40-1
Chapter 40
I2C Controller
The inter-integrated circuit (I2C®) controller lets the MPC8280 exchange data with other I2C devices, such
as microcontrollers, EEPROMs, real-time clock devices, A/D converters, and LCD displays. The I2C
controller uses a synchronous, multimaster bus that can connect several integrated circuits on a board. It
uses two signals—serial data (SDA) and serial clock (SCL)—to carry information between the integrated
circuits connected to it.
As shown in Figure 40-1, the I2C controller consists of transmit and receive sections, an independent
baud-rate generator (BRG), and a control unit. The transmit and receive sections use the same clock, which
is derived from the I2C BRG when in master mode and generated externally when in slave mode. Wait
states are inserted during a data transfer if SCL is held low by a slave device. In the middle of a data
transfer, the master I2C controller recognizes the need for wait states by monitoring SCL. However, the
I2C controller has no automatic time-out mechanism if the slave device does not release SCL; therefore,
software should monitor how long SCL stays low to generate bus timeouts.
Figure 40-1. I2C Controller Block Diagram
The I2C receiver and transmitter are double-buffered, which corresponds to an effective two-character
FIFO latency. In normal operation, the transmitter shifts the msb (bit 0) out first. When the I2C is not
enabled in the I2C mode register (I2MOD[EN] = 0), it consumes little power.
Control
Tx Data Register
Rx Data Register
Peripheral Bus
Mode Register
Shift Register
Shift Register
Baud-Rate Generator
SCL
SDA
60x Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com