Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1306 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1306 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1310Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1306 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-4
Freescale Semiconductor
A master write occurs as follows:
1. The master core sets I2COM[STR]. The transfer starts when the SDMA channel loads the Tx FIFO
with data and the I2C bus is not busy.
2. The I2C master generates a start condition—a high-to-low transition on SDA while SCL is
high—and the transfer clock SCL pulses for each bit shifted out on SDA. If the master transmitter
detects a multiple-master collision (by sensing a ‘0’ on SDA while sending a ‘1’), transmission
stops and the channel reverts to slave mode. A maskable interrupt is sent to the master’s core so
software can try to retransmit later.
3. The slave acknowledges each byte and writes to its current receive buffer until a new start or stop
condition is detected.
4. After sending each byte, the master monitors the acknowledge indication. If the slave receiver fails
to acknowledge a byte, transmission stops and the master generates a stop condition—a
low-to-high transition on SDA while SCL is high.
40.3.2
I2C Loopback Testing
When in master mode, an I2C controller supports loopback operation for master write requests. The master
I2C controller simply issues a write request directed to its own address (programmed in I2ADD). The
master’s receiver monitors the transmission and reads the transmitted data into its receive buffer. Loopback
operation requires no special register programming.
40.3.3
I2C Master Read (Slave Write)
Before initiating a master read with the MPC8280, prepare a transmit buffer of size n+1 bytes, where n is
the number of bytes to be read from the slave. The first transmit byte should be initialized to the slave
address with R/W = 1. The next n transmit bytes are used strictly for timing and can be left uninitialized.
Configure suitable receive buffers and BDs to receive the slave’s transmission.
If the MPC8280 is the slave target of the read, prepare the I2C transmit buffers and BDs and activate it by
setting I2COM[STR]. Figure 40-5 shows the timing for a master read.
Figure 40-5. I2C Master Read Timing
A master read occurs as follows:
1. Set the master’s I2COM[STR] to initiate the read. The transfer starts when the SDMA channel
loads the transmit FIFO with data and the I2C bus is not busy.
2. The slave detects a start condition on SDA and SCL.
SDA
Data Byte
Device Address
R
S
T
O
P
S
T
A
R
T
N
O
A
C
K
A
C
K
Note: After the nth data byte, the master does not acknowledge the slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com