Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1304 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1304 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1308Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1304 / 1386 page
background image
I
2C Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
40-2
Freescale Semiconductor
40.1
Features
The following is a list of the I2C controller’s main features:
•
Two-signal interface (SDA and SCL)
•
Support for master and slave I2C operation
•
Multiple-master environment support
•
Continuous transfer mode for automatic scanning of a peripheral
•
Supports a maximum clock rate of 2,080 KHz (with a CPM utilization of 25%), assuming a
100-MHz system clock.
•
Independent, programmable baud-rate generator
•
Supports 7-bit I2C addressing
•
Open-drain output signals allow multiple master configuration
•
Local loopback capability for testing
40.2
I2C Controller Clocking and Signal Functions
The I2C controller can be configured as a master or slave for the serial channel. As a master, the controller’s
BRG provides the transfer clock. The I2C BRG takes its input from the BRG clock (BRGCLK), which is
generated from the CPM clock; see Section 10.4, “System Clock Control Register (SCCR).”
SDA and SCL are bidirectional signals connected to a positive supply voltage through an external pull-up
resistor. When the bus is free, both signals are pulled high. The general I2C master/slave configuration is
shown in Figure 40-2.
Figure 40-2. I2C Master/Slave General Configuration
When the I2C controller is master, the SCL clock output, taken directly from the I2C BRG, shifts receive
data in and transmit data out through SDA. The transmitter arbitrates for the bus during transmission and
aborts if it loses arbitration. When the I2C controller is a slave, the SCL clock input shifts data in and out
through SDA. The SCL frequency can range from DC to BRGCLK/48.
40.3
I2C Controller Transfers
To initiate a transfer, the master I2C controller sends a message specifying a read or write request to an I2C
slave. The first byte of the message consists of a 7-bit slave port address and a R/W request bit. Note that
VDD
VDD
Master
Slave
(EEPROM, for example)
SCL
SCL
SDA
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com