Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1331 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1331 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1327Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1328Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1329Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1330Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1335Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1331 / 1386 page
background image
Parallel I/O Ports
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
41-15
Table 41-7 shows the port C pin assignments.
Table 41-7. Port C Dedicated Pin Assignment (PPARC = 1)
PIN
Pin Function
PSORC = 0
PSORC = 1
PDIRC = 1 (Output)
PDIRC = 0 (Input)
Defaul
t Input
PDIRC = 1 (Output)
PDIRC = 0 (Input or
Inout if Specified)
Defaul
t Input
PC31
BRG1: BRGO
CLK1
CLK5
PC30
FCC2: TxD[3]1
UTOPIA 8
CLK2
CLK6
Timer1:TOUT
PC29
BRG2: BRGO
CLK3/TIN2
CLK7
SCC1: CTS2
SCC1: CLSN2
Ethernet
(secondary option)
GND
PC28
Timer2: TOUT
CLK4/TIN1
CLK8
FCC2: RxAddr[4]
SCC2: CTS2
SCC2: CLSN2
Ethernet
(secondary option)
GND
PC27
FCC3: TxD
HDLC/transp. serial
FCC3: TxD[0]
MII/HDLC nibble
FCC3: TXD[0]
RMII dibit
CLK5
GND
BRG3: BRGO
PC26
Timer3: TOUT
CLK6
GND
TMCLK
real-time counter
BRGO
1
PC25
FCC2: TxD[2]1
UTOPIA 8
CLK7
GND
BRG4: BRGO
PC24
FCC2: TxD[3]1
UTOPIA 8
CLK8
GND
Timer4: TOUT
PC23
BRG5: BRGO
CLK9
CLK13
IDMA1: DACK
PC22
FCC1: TxPrty1
UTOPIA
(secondary option)2
CLK10
CLK14
IDMA1: DONE
Inout
(primary option)
by PD5
PC21
BRG6: BRGO
CLK11
CLK15
PC20
USB: OE
CLK12
CLK16
timer1/2: TGATE1
GND
PC19
BRG7: BRGO
CLK13
GND
SPI: SPICLK2
Inout
(secondary option)
PC18
CLK14
GND
timer3/4: TGATE2
GND
PC17
BRG8: BRGO
CLK15/TIN3
GND
PC16
CLK16/TIN4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com