Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1357 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1357 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1357 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Index-3
GFMR register, 31-88
global mode entry (GMODE), 31-40
internal rate mode, 31-6
interrupt queues, 31-82
maximum performance configuration, 31-101
OAM performance monitoring, 31-29, 31-62
OAM support, 31-27
operations and maintenance (OAM) support, 31-27
overview, 31-4
parameter RAM, 31-36
performance monitoring, 31-8
performance, maximum (configuration), 31-101
programming model, 31-88
receive connection table (RCT)
AALn protocol-specific RCTs, 31-46, 31-46–??, 31-49
ATM channel code, 31-41
overview, 31-41
raw cell queue, 31-18
RCT entry format, 31-43
registers, 31-88
RxBD, 31-71
RxBD extension, 31-76
SRTS generation using external logic, 31-100
transmit connection table (TCT)
AALn protocol-specific TCTs, 31-55
ATM channel code, 31-41
overview, 31-41
TCT entry format, 31-50
transmit connection table extension (TCTE)
ABR protocol-specific, 31-59
ATM channel code, 31-41
overview, 31-41
UBR+ protocol-specific, 31-58
VBR protocol-specific, 31-57
transmit rate modes, 31-6
TxBD, 31-76
TxBD extension, 31-80
UDC extended address mode, 31-32
UEAD_OFFSET determination, 31-39
UNI statistics table, 31-81
user-defined cells (UDC)
extended address mode, 31-32
overview, 31-32
RxBD extension (AAL5/AAL1), 31-76
TxBD extension (AAL5/AAL1), 31-80
user-defined RxBD extension (AAL5/AAL1), 31-76
user-defined TxBD extension (AAL5/AAL1), 31-80
UTOPIA interface, 31-84
VCI filtering, 31-39
VCI/VPI address lookup, 31-13
VC-level address compression tables (VCLT), 31-17
VP-level address compression table (VPLT), 31-16
B
Baud-rate generator (BRG)
BRGCLK, 40-2
memory map, 3-18
BCR (bus configuration register), 4-26
BDLE (SCC BISYNC DLE) register, 23-8
BISYNC mode
commands, 23-4
control character recognition, 23-5
error handling, 23-9
frame reception, 23-3
frame transmission, 23-2
overview, 23-1
parameter RAM, 23-3
programming example, 23-18
programming the controller, 23-17
receiving synchronization sequence, 23-9
RxBD, 23-12
sending synchronization sequence, 23-9
TxBD, 23-14
block diagram
dual-port RAM, 14-20
system PLL,, 10-6
Block diagrams
cascaded mode, 18-3
communications processor (CP), 14-7
communications processor module (CPM), 14-3
CPM multiplexing logic (CMX), 16-2
DPLL receiver, 20-21
dual-bus architecture, 11-2
Fast Ethernet, 36-2
FCC overview, 30-3
I
2C controller, 40-1
IEEE 1149.1 test access port, 1-2
parallel I/O ports, 41-6
SCC block diagram, 20-2
serial interface, 15-2
serial peripheral interface (SPI), 39-1
system interface unit (SIU)
periodic interrupt timer, 4-5
SIU block diagram, 4-1
software watchdog timer, 4-7
system configuration/protection logic, 4-3
time counter (TMCNT), 4-5
timers, 18-1
Branch processing unit, 2-6
BRGCLK, 40-2
BRn (base registers), 11-13
BSYNC (BISYNC SYNC) register, 23-7
BUFCMD (external address and command buffers), 11-42
Buffer
SPI buffer descriptor ring, 27-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com