Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1353 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1353 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1357Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1353 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-9
T
Time-division multiplex (TDM). A single serial channel used by several channels that
take turns.
TLB (translation lookaside buffer). A cache that holds recently used page table entries.
Throughput. The measure of the number of instructions that are processed per clock cycle.
U
UISA (user instruction set architecture). The level of the architecture to which user-level
software should conform. The UISA defines the base user-level instruction set,
user-level registers, data types, floating-point memory conventions and exception
models as seen by user programs, and the memory and programming models.
User mode. The unprivileged operating state of a processor used typically by application
software. In user mode, software can only access certain control registers and can
access only user memory space. No privileged operations can be performed. Also
referred to as 'problem state'
V
VEA (virtual environment architecture). The level of the architecture that describes the
memory model for an environment in which multiple devices can access memory,
defines aspects of the cache model, defines cache control instructions, and defines
the time-base facility from a user-level perspective. Implementations that conform
to the PowerPC VEA also adhere to the UISA, but may not necessarily adhere to
the OEA.
Virtual address. An intermediate address used in the translation of an effective address to
a physical address.
Virtual memory. The address space created using the memory management facilities of
the processor. Program access to virtual memory is possible only when it
coincides with physical memory.
W
Watchpoint. An event that is reported, but does not change the timing of the machine.
Word. A 32-bit data element. Note that on other processors a word may be a different size.
Write-back. A cache memory update policy in which processor write cycles are directly
written only to the cache. External memory is updated only indirectly, for
example, when a modified cache block is cast out to make room for newer data.
Write-through. A cache memory update policy in which all processor write cycles are
written to both the cache and memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com