Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 1350 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1350 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1350 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Glossary-6
Freescale Semiconductor
O
OEA (operating environment architecture). Level of the architecture that describes
PowerPC memory management model, supervisor-level registers,
synchronization requirements, and the exception model. It also defines the
time-base feature from a supervisor-level perspective. Implementations that
conform to the PowerPC OEA also conform to the PowerPC UISA and VEA.
Optional. A feature, such as an instruction, a register, or an exception, that is defined by
the PowerPC architecture but not required to be implemented.
Out-of-order. An aspect of an operation that allows it to be performed ahead of one that
may have preceded it in the sequential model, for example, speculative operations.
An operation is said to be performed out-of-order if, at the time that it is
performed, it is not known to be required by the sequential execution model. See
In-order.
Out-of-order execution. A technique that allows instructions to be issued and completed
in an order that differs from their sequence in the instruction stream.
Overflow. An error condition that occurs during arithmetic operations when the result
cannot be stored accurately in the destination register(s). For example, if two
32-bit numbers are multiplied, the result may not be representable in 32 bits.
P
Pace control. Controls the rate of the data flow between a master and slave.
Page. Region in memory. The OEA defines a page as a 4-Kbyte area of memory, aligned
on a 4-Kbyte boundary.
Page fault. Condition that occurs when the processor attempts to access a memory location
that does not reside within a page not currently resident in physical memory. On
processors that implement the PowerPC architecture, a page fault exception
condition occurs when a matching, valid page table entry (PTE[V] = 1) cannot be
located.
Physical memory. The actual memory that can be accessed through the system’s memory
bus.
Pipelining. Technique that breaks operations, such as instruction processing or bus
transactions, into smaller distinct stages or tenures (respectively) so that a
subsequent operation can begin before the previous one has completed.
Precise exceptions. A category of exception for which the pipeline can be stopped so
instructions that preceded the faulting instruction can complete and subsequent
instructions can be flushed and redispatched after exception handling has
completed. See Imprecise exceptions.
Primary opcode. The most-significant 6 bits (bits 0–5) of the instruction encoding that
identifies the type of instruction. See Secondary opcode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com